Electronic Components Datasheet Search
  English  ▼

X  

NE592 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NE592
Description  Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE592 Datasheet(HTML) 3 Page - ON Semiconductor

  NE592 Datasheet HTML 1Page - ON Semiconductor NE592 Datasheet HTML 2Page - ON Semiconductor NE592 Datasheet HTML 3Page - ON Semiconductor NE592 Datasheet HTML 4Page - ON Semiconductor NE592 Datasheet HTML 5Page - ON Semiconductor NE592 Datasheet HTML 6Page - ON Semiconductor NE592 Datasheet HTML 7Page - ON Semiconductor NE592 Datasheet HTML 8Page - ON Semiconductor NE592 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NE592
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (VSS = "6.0 V, VCM = 0, typicals at TA = +25°C, min and max at 0°C v TA v 70°C, unless
otherwise noted. Recommended operating supply voltages VS = "6.0 V.)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Differential Voltage Gain
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
RL = 2.0 kW, VOUT = 3.0 VP-P
AVOL
250
80
400
100
600
120
V/V
Input Resistance
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
−
TA = 25°C
0°C v TA v 70°C
RIN
−
10
8.0
4.0
30
−
−
−
−
kW
Input Capacitance
Gain 2 (Note 4)
CIN
−
2.0
−
pF
Input Offset Current
TA = 25°C
0°C v TA v 70°C
IOS
−
−
0.4
−
5.0
6.0
mA
Input Bias Current
TA = 25°C
0°C v TA v 70°C
IBIAS
−
−
9.0
−
30
40
mA
Input Noise Voltage
BW 1.0 kHz to 10 MHz
VNOISE
−
12
−
mVRMS
Input Voltage Range
−
VIN
"1.0
−
−
V
Common-Mode Rejection Ratio
Gain 2 (Note 4)
VCM "1.0 V, f < 100 kHz, TA = 25°C
VCM "1.0 V, f < 100 kHz,
0°C v TA v 70°C
VCM "1.0 V, f < 5.0 MHz
CMRR
60
50
−
86
−
60
−
−
−
dB
Supply Voltage Rejection Ratio
Gain 2 (Note 4)
DVS = "0.5 V
PSRR
50
70
−
dB
Output Offset Voltage
Gain 1
Gain 2 (Note 4)
Gain 3 (Note 5)
Gain 3 (Note 5)
RL = R
RL = R
RL = R, TA = 25°C
RL = R, 0°C v TA v 70°C
VOS
−
−
−
−
−
−
0.35
−
1.5
1.5
0.75
1.0
V
Output Common-Mode Voltage
RL = R, TA = 25°C
VCM
2.4
2.9
3.4
V
Output Voltage Swing Differential
RL = 2.0 kW, TA = 25°C
RL = 2.0 kW, 0°C v TA v 70°C
VOUT
3.0
2.8
4.0
−
−
−
V
Output Resistance
−
ROUT
−
20
−
W
Power Supply Current
RL = R, TA = 25°C
RL = R, 0°C v TA v 70°C
ICC
−
−
18
−
24
27
mA
AC ELECTRICAL CHARACTERISTICS (TA = +25°C VSS = "6.0 V, VCM = 0, unless otherwise noted. Recommended operating
supply voltages VS = "6.0 V.)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Bandwidth
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
−
BW
−
−
40
90
−
−
MHz
Rise Time
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
VOUT = 1.0 VP−P
tR
−
−
10.5
4.5
12
−
ns
Propagation Delay
Gain 1 (Note 2)
Gain 2 (Notes 3 and 4)
VOUT = 1.0 VP−P
tPD
−
−
7.5
6.0
10
−
ns
2. Gain select Pins G1A and G1B connected together.
3. Gain select Pins G2A and G2B connected together.
4. Applies to 14-pin version only.
5. All gain select pins open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com