Electronic Components Datasheet Search
  English  ▼

X  

SA5532 Datasheet(PDF) 6 Page - ON Semiconductor

Part # SA5532
Description  Internally Compensated Dual Low Noise Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA5532 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button SA5532 Datasheet HTML 2Page - ON Semiconductor SA5532 Datasheet HTML 3Page - ON Semiconductor SA5532 Datasheet HTML 4Page - ON Semiconductor SA5532 Datasheet HTML 5Page - ON Semiconductor SA5532 Datasheet HTML 6Page - ON Semiconductor SA5532 Datasheet HTML 7Page - ON Semiconductor SA5532 Datasheet HTML 8Page - ON Semiconductor SA5532 Datasheet HTML 9Page - ON Semiconductor SA5532 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NE5532, SA5532, SE5532, NE5532A, SE5532A
http://onsemi.com
6
Closed-Loop Frequency Response
Voltage-Follower
+
−
5532 (1/2)
100 pF
RS
VI
RE
RF
800 W
25 W
+
−
5532
VIN
VOUT
100 pF
600 W
V+
V−
1 kW
Figure 10. Test Circuits
MARKING DIAGRAMS
SOIC−8
D SUFFIX
CASE 751
PDIP−8
N SUFFIX
CASE 626
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Packagee
NE5532AN
AWL
YYWWG
NE5532N
AWL
YYWWG
SA5532N
AWL
YYWWG
SE5532N
AWL
YYWWG
SOIC−16 WB
D SUFFIX
CASE 751G
16
1
NE5532D
AWLYYWWG
S5532
ALYWA
G
1
8
N5532
ALYW
G
1
8
N5532
ALYWA
G
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com