Electronic Components Datasheet Search
  English  ▼

X  

BYV79E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BYV79E
Description  Rectifier diodes ultrafast, rugged
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV79E Datasheet(HTML) 1 Page - NXP Semiconductors

  BYV79E Datasheet HTML 1Page - NXP Semiconductors BYV79E Datasheet HTML 2Page - NXP Semiconductors BYV79E Datasheet HTML 3Page - NXP Semiconductors BYV79E Datasheet HTML 4Page - NXP Semiconductors BYV79E Datasheet HTML 5Page - NXP Semiconductors BYV79E Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV79E series
ultrafast, rugged
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 150 V/ 200 V
• Fast switching
• Soft recovery characteristic
V
F ≤ 0.9 V
• Reverse surge capability
• High thermal cycling performance
I
F(AV) = 14 A
• Low thermal resistance
I
RRM ≤ 0.2 A
t
rr ≤ 30 ns
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Ultra-fast, epitaxial rectifier diodes
PIN
DESCRIPTION
intended for use as output rectifiers
in high frequency switched mode
1
cathode
power supplies.
2
anode
The BYV79E series is supplied in
the conventional leaded SOD59
tab
cathode
(TO220AC) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BYV79E
-150
-200
V
RRM
Peak repetitive reverse voltage
-
150
200
V
V
RWM
Crest working reverse voltage
-
150
200
V
V
R
Continuous reverse voltage
T
mb ≤ 145˚C
-
150
200
V
I
F(AV)
Average forward current
1
square wave
-
14
A
δ = 0.5; T
mb ≤ 120 ˚C
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
28
A
T
mb ≤ 120 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
150
A
current
t = 8.3 ms
-
160
A
sinusoidal; with reapplied
V
RWM(max)
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
0.2
A
I
RSM
Non-repetitive peak reverse
t
p = 100 µs
-
0.2
A
current
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1. Neglecting switching and reverse current losses.
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge
Human body model;
-
8
kV
capacitor voltage
C = 250 pF; R = 1.5 k
Ω
k
a
12
1
tab
2
July 1998
1
Rev 1.200


Similar Part No. - BYV79E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
logo
WeEn Semiconductors
BYV79E WEEN-BYV79E Datasheet
376Kb / 8P
Rectifier diodes ultrafast, rugged
logo
Inchange Semiconductor ...
BYV79E-150 ISC-BYV79E-150 Datasheet
280Kb / 2P
Ultrafast Rectifier Diode
BYV79E-200 ISC-BYV79E-200 Datasheet
280Kb / 2P
Ultrafast Rectifier Diode
logo
NXP Semiconductors
BYV79EB PHILIPS-BYV79EB Datasheet
50Kb / 7P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.100
More results

Similar Description - BYV79E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYQ30EX PHILIPS-BYQ30EX Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
October 1998 Rev 1.200
BYQ40EW PHILIPS-BYQ40EW Datasheet
55Kb / 6P
Rectifier diodes ultrafast, rugged
December 1998 Rev 1.000
BYV42E PHILIPS-BYV42E Datasheet
48Kb / 6P
Rectifier diodes ultrafast, rugged
July 1998 Rev 1.200
BYV79E NXP-BYV79E Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29E-100 PHILIPS-BYW29E-100 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYW29E-150127 PHILIPS-BYW29E-150127 Datasheet
111Kb / 8P
Rectifier diodes ultrafast, rugged
August 2001
BYQ28_SER_E_ED PHILIPS-BYQ28_SER_E_ED_15 Datasheet
74Kb / 10P
Rectifier diodes ultrafast, rugged
Rev. 04-5 December 2007
BYV79E PHILIPS-BYV79E_15 Datasheet
96Kb / 8P
Rectifier diodes ultrafast, rugged
July 1998
BYW29EB PHILIPS-BYW29EB_15 Datasheet
121Kb / 9P
Rectifier diodes ultrafast, rugged
November 1998
BYW29EX PHILIPS-BYW29EX_15 Datasheet
115Kb / 8P
Rectifier diodes ultrafast, rugged
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com