Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D-SSU Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT45DB021D-SSU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SSU Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT45DB021D-SSU Datasheet HTML 23Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 24Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 25Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 26Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 27Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 28Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 29Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 30Page - ATMEL Corporation AT45DB021D-SSU Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
27
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
14.2
Operation Mode Summary
The commands described previously can be grouped into four different categories to better
describe which commands can be executed at what times.
Group A commands consist of:
1.
Main Memory Page Read
2.
Continuous Array Read
3.
Read Sector Protection Register
4.
Read Sector Lockdown Register
5.
Read Security Register
Group B commands consist of:
1.
Page Erase
2.
Block Erase
3.
Sector Erase
4.
Chip Erase
5.
Main Memory Page to Buffer Transfer
6.
Main Memory Page to Buffer Compare
7.
Buffer to Main Memory Page Program with Built-in Erase
8.
Buffer to Main Memory Page Program without Built-in Erase
9.
Main Memory Page Program through Buffer
10. Auto Page Rewrite
Group C commands consist of:
1.
Buffer Read
2.
Buffer Write
3.
Status Register Read
4.
Manufacturer and Device ID Read
Group D commands consist of:
1.
Erase Sector Protection Register
2.
Program Sector Protection Register
3.
Sector Lockdown
4.
Program Security Register
If a Group A command is in progress (not fully completed), then another command in Group A,
B, C, or D should not be started. However, during the internally self-timed portion of Group B
commands 1 through 4, any command in Group C can be executed. During the internally self-
timed portion of Group B commands 5 through 10, only Group C commands 3 and 4 can be exe-
cuted. Finally, during the internally self-timed portion of a Group D command, only the Status
Register Read command should be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com