Electronic Components Datasheet Search
  English  ▼

X  

AT26DF161A Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT26DF161A
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161A Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT26DF161A Datasheet HTML 21Page - ATMEL Corporation AT26DF161A Datasheet HTML 22Page - ATMEL Corporation AT26DF161A Datasheet HTML 23Page - ATMEL Corporation AT26DF161A Datasheet HTML 24Page - ATMEL Corporation AT26DF161A Datasheet HTML 25Page - ATMEL Corporation AT26DF161A Datasheet HTML 26Page - ATMEL Corporation AT26DF161A Datasheet HTML 27Page - ATMEL Corporation AT26DF161A Datasheet HTML 28Page - ATMEL Corporation AT26DF161A Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
25
3640A–DFLASH–11/06
AT26DF161A
10.1.6
WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is
in the logical “0” state, the device will not accept any program, erase, Protect Sector, Unprotect
Sector, or Write Status Register commands. The WEL bit defaults to the logical “0” state after a
device power-up or reset. In addition, the WEL bit will be reset to the logical “0” state automati-
cally under the following conditions:
• Write Disable operation completes successfully
• Write Status Register operation completes successfully or aborts
• Protect Sector operation completes successfully or aborts
• Unprotect Sector operation completes successfully or aborts
• Byte/Page Program operation completes successfully or aborts
• Sequential Program Mode reaches highest unprotected memory location
• Sequential Program Mode reaches the end of the memory array
• Sequential Program Mode aborts
• Block Erase operation completes successfully or aborts
• Chip Erase operation completes successfully or aborts
• Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts
due to an incomplete or unrecognized opcode being clocked into the device before the CS pin is
deasserted. In order for the WEL bit to be reset when an operation aborts prematurely, the entire
opcode for a program, erase, Protect Sector, Unprotect Sector, or Write Status Register com-
mand must have been clocked into the device.
10.1.7
RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program
or erase, is in progress. To poll the RDY/BSY bit to detect the completion of a program or erase
cycle, new Status Register data must be continually clocked out of the device until the state of
the RDY/BSY bit changes from a logical “1” to a logical “0”.
Figure 10-1. Read Status Register
SCK
CS
SI
SO
MSB
2
3
1
0
00000101
67
5
410 11
9
8
12
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
D
D
D
D
MSB
DDDDD
D
D
D
STATUS REGISTER DATA
STATUS REGISTER DATA
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com