Electronic Components Datasheet Search
  English  ▼

X  

NIF62514 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NIF62514
Description  Self?뭦rotected FET with Temperature and Current Limit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF62514 Datasheet(HTML) 2 Page - ON Semiconductor

  NIF62514 Datasheet HTML 1Page - ON Semiconductor NIF62514 Datasheet HTML 2Page - ON Semiconductor NIF62514 Datasheet HTML 3Page - ON Semiconductor NIF62514 Datasheet HTML 4Page - ON Semiconductor NIF62514 Datasheet HTML 5Page - ON Semiconductor NIF62514 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NIF62514
http://onsemi.com
2
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Clamped Breakdown Voltage
(VGS = 0 Vdc, ID = 250 mAdc)
(VGS = 0 Vdc, ID = 250 mAdc, TJ = 150°C)
V(BR)DSS
42
42
46
45
50
50
Vdc
Zero Gate Voltage Drain Current
(VDS = 32 Vdc, VGS = 0 Vdc)
(VDS = 32 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
0.5
2.0
2.0
10
mAdc
Gate Input Current
(VGS = 5.0 Vdc, VDS = 0 Vdc)
(VGS = −5.0 Vdc, VDS = 0 Vdc)
IGSS
−
−
50
550
100
1000
mAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = VGS, ID = 150 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.7
4.0
2.0
6.0
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 4)
(VGS = 10 Vdc, ID = 1.4 Adc, TJ @ 25°C)
(VGS = 10 Vdc, ID = 1.4 Adc, TJ @ 150°C)
RDS(on)
−
−
90
165
100
190
mW
Static Drain−to−Source On−Resistance (Note 4)
(VGS = 5.0 Vdc, ID = 1.4 Adc, TJ @ 25°C)
(VGS = 5.0 Vdc, ID = 1.4 Adc, TJ @ 150°C)
RDS(on)
−
−
105
185
120
210
mW
Source−Drain Forward On Voltage
(IS = 7 A, VGS = 0 V)
VSD
−
1.05
−
V
SWITCHING CHARACTERISTICS
Turn−on Delay Time
10% Vin to 10% ID
RL = 4.7 W, Vin = 0 to 10 V, VDD = 12 V
td(on)
−
4.0
8.0
ms
Turn−on Rise Time
10% ID to 90% ID
RL = 4.7 W, Vin = 0 to 10 V, VDD = 12 V
trise
−
11
20
ms
Turn−off Delay Time
90% Vin to 90% ID
RL = 4.7 W, Vin = 10 to 0 V, VDD = 12 V
td(off)
−
32
50
ms
Turn−off Fall Time
90% ID to 10% ID
RL = 4.7 W, Vin = 10 to 0 V, VDD = 12 V
tfall
−
27
50
ms
Slew−Rate On
RL = 4.7 W,
Vin = 0 to 10 V, VDD = 12 V
−dVDS/dton
−
1.5
2.5
ms
Slew−Rate Off
RL = 4.7 W,
Vin = 10 to 0 V, VDD = 12 V
dVDS/dtoff
−
0.6
1.0
ms
SELF PROTECTION CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Current Limit
(VGS = 5.0 Vdc)
(VGS = 5.0 Vdc, TJ = 150°C)
ILIM
6.0
3.0
9.0
5.0
11
8.0
Adc
Current Limit
(VGS = 10 Vdc)
(VGS = 10 Vdc, TJ = 150°C)
ILIM
7.0
4.0
10.5
7.5
13
10
Adc
Temperature Limit (Turn−off)
VGS = 5.0 Vdc
TLIM(off)
150
175
200
°C
Temperature Limit (Circuit Reset)
VGS = 5.0 Vdc
TLIM(on)
135
160
185
°C
Temperature Limit (Turn−off)
VGS = 10 Vdc
TLIM(off)
150
155
185
°C
Temperature Limit (Circuit Reset)
VGS = 10 Vdc
TLIM(on)
130
140
170
°C
ESD ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Electro−Static Discharge Capability
Human Body Model (HBM)
ESD
4000
−
−
V
Electro−Static Discharge Capability
Machine Model (MM)
ESD
400
−
−
V
4. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com