Electronic Components Datasheet Search
  English  ▼

X  

NIS6201 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NIS6201
Description  Floating, Regulated Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS6201 Datasheet(HTML) 2 Page - ON Semiconductor

  NIS6201 Datasheet HTML 1Page - ON Semiconductor NIS6201 Datasheet HTML 2Page - ON Semiconductor NIS6201 Datasheet HTML 3Page - ON Semiconductor NIS6201 Datasheet HTML 4Page - ON Semiconductor NIS6201 Datasheet HTML 5Page - ON Semiconductor NIS6201 Datasheet HTML 6Page - ON Semiconductor NIS6201 Datasheet HTML 7Page - ON Semiconductor NIS6201 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NIS6201
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description
1, 2
N/C
No connection.
3
SIGGND
Ground reference pin for control circuits. This should be connected to power ground on the PCB.
4
COMP
The feedback and compensation network of the linear regulator are connected to this pin.
5
VCC
Input power to chip. There is an internal clamp at 15 V to allow for a shunt regulator circuit on this pin for
high voltage inputs.
6
VREG
This is the regulated output of the internal linear regulator.
7
DRIVE
Output drive of oscillator, that drives external diode/capacitor network.
8
PWRGND
Ground reference pin for driver current.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage, Operating (Note 1)
VCC
−0.3 to 15
V
Comp pin Voltage
Vcomp
4.5
V
Drive Current, Peak
IDpk
3.0
A
Drive Current, Average
IDavg
0.05
A
Thermal Resistance, Junction−to−Air
Min copper area
1 in2 copper (1 oz, single sided)
QJA
175
114
°C/W
Thermal Resistance, Junction−to−Lead (Pin 1)
QJL
41
°C/W
Power Dissipation @ TA = 25°C
Min copper area
1 in2 copper (1 oz, single sided)
Pmax
.57
.88
W
Operating Temperature Range
TJ
−40 to 125
°C
Non−operating Temperature Range
TJ
−55 to 150
°C
Lead Temperature, Soldering (10 Sec)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
1. Above this voltage, a series resistor is necessary to limit current into the shunt regulator.
ELECTRICAL CHARACTERISTICS (Unless otherwise noted: VCC = 15 V, Vreg = 12 V, DRIVE Pin open, TJ = 25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR
Frequency
fosc
0.9
1.3
1.45
MHz
DRIVER
On Resistance, High Side FET
RDSon(hi)
−
9.5
−
W
On Resistance, Low Side FET
RDSon(low)
−
9.5
12
W
LINEAR REGULATOR
Reference Voltage, Pin 4
TJ = −40 to 125°C
Vref
490
475
500
505
510
525
mV
Headroom (VCC–Vreg) VCC = 7 V, Idrive = 10 mA
Vhead
−
155
220
mV
TOTAL DEVICE
Minimum Operational Input Voltage
Vmin
7.0
−
−
V
Bias Current (Operational)
IBias
−
3.6
4.6
mA
Bias Current (COMP Pin = 600 mV)
IBias_SD
−
3.0
3.6
mA
VCC Zener Breakdown Voltage
VZener
14.5
15
−
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com