Electronic Components Datasheet Search
  English  ▼

X  

T89C5115 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T89C5115
Description  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C5115 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T89C5115 Datasheet HTML 9Page - ATMEL Corporation T89C5115 Datasheet HTML 10Page - ATMEL Corporation T89C5115 Datasheet HTML 11Page - ATMEL Corporation T89C5115 Datasheet HTML 12Page - ATMEL Corporation T89C5115 Datasheet HTML 13Page - ATMEL Corporation T89C5115 Datasheet HTML 14Page - ATMEL Corporation T89C5115 Datasheet HTML 15Page - ATMEL Corporation T89C5115 Datasheet HTML 16Page - ATMEL Corporation T89C5115 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
13
AT89C5115
4128F–8051–05/06
Reserved
Notes:
1. These registers are bit-addressable.
Sixteen addresses in the SFR space are both byte-addressable and bit-addressable. The bit-addressable SFRs are those
whose address ends in 0 and 8. The bit addresses, in this area, are 0x80 through to 0xFF.
2. AUXR1 bit ENBOOT is initialized with the content of the BLJB bit inverted.
Table 10. SFR Mapping
0/8(1)
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
IPL1
xxxx xx0x
CH
0000 0000
CCAP0H
0000 0000
CCAP1H
0000 0000
FFh
F0h
B
0000 0000
ADCLK
xxx0 0000
ADCON
x000 0000
ADDL
0000 0000
ADDH
0000 0000
ADCF
0000 0000
IPH1
xxxx xx0x
F7h
E8h
IEN1
xxxx xx0x
CL
0000 0000
CCAP0L
0000 0000
CCAP1L
0000 0000
EFh
E0h
ACC
0000 0000
E7h
D8h
CCON
0000 0000
CMOD
0xxx x000
CCAPM0
x000 0000
CCAPM1
x000 0000
DFh
D0h
PSW
0000 0000
FCON
0000 0000
EECON
xxxx xx00
D7h
C8h
T2CON
0000 0000
T2MOD
xxxx xx00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0h
P4
xxxx xx11
C7h
B8h
IPL0
x000 0000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IPH0
x000 0000
B7h
A8h
IEN0
0000 0000
SADDR
0000 0000
AFh
A0h
P2
xxxx xx11
AUXR1
(2)
xxxx 00x0
WDTRST
1111 1111
WDTPRG
xxxx x000
A7h
98h
SCON
0000 0000
SBUF
0000 0000
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
CKCON
0000 0000
8Fh
80h
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00x1 0000
87h
0/8(1)
1/9
2/A
3/B
4/C
5/D
6/E
7/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com