Electronic Components Datasheet Search
  English  ▼

X  

AT89C5115 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89C5115
Description  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5115 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89C5115 Datasheet HTML 35Page - ATMEL Corporation AT89C5115 Datasheet HTML 36Page - ATMEL Corporation AT89C5115 Datasheet HTML 37Page - ATMEL Corporation AT89C5115 Datasheet HTML 38Page - ATMEL Corporation AT89C5115 Datasheet HTML 39Page - ATMEL Corporation AT89C5115 Datasheet HTML 40Page - ATMEL Corporation AT89C5115 Datasheet HTML 41Page - ATMEL Corporation AT89C5115 Datasheet HTML 42Page - ATMEL Corporation AT89C5115 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
39
AT89C5115
4128F–8051–05/06
Figure 17. Reading Procedure
Note:
aa = 10 for the Hardware Security Byte.
Flash Protection from Parallel
Programming
The three lock bits in Hardware Security Byte (See ’In-System Programming’ section)
are programmed according to Table 23 provide different level of protection for the on-
chip code and data located in FM0 and FM1.
The only way to write this bits are the parallel mode. They are set by default to level 3.
Table 23. Program Lock bit
Note:
1. Program Lock bits
U: unprogrammed
P: programmed
WARNING: Security level 2, 3 and 4 should only be programmed after Flash and Core
verification.
Preventing Flash Corruption
See Section “Power Management”.
Flash Spaces Reading
Flash Spaces Mapping
FCON = 00000aa0b
Data Read
DPTR = Address
ACC= 0
Exec: MOVC A, @A+DPTR
Clear Mode
FCON = 00h
Program Lock bits
Protection Description
Security
Level
LB0
LB1
LB2
1
U
U
U
No program lock features enabled.
2
P
U
U
Parallel programming of the Flash is disabled.
3U
P
U
Same as 2, also verify through parallel programming interface is
disabled. This is the factory defaul programming.
4
UUP
Same as 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com