Electronic Components Datasheet Search
  English  ▼

X  

SMG2307PE Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SMG2307PE
Description  P-Channel 30 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SMG2307PE Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SMG2307PE Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SMG2307PE Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
P-Channel 30 V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
•
100 % Rg Tested
APPLICATIONS
• For Mobile Computing
- Load Switch
- Notebook Adaptor Switch
- DC/DC Converter
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 166 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Typ.
ID (A)
a
Qg (Typ.)
- 30
0.0
46 at V
GS = - 10 V
-
5.6
11.4 nC
0.04
9 at V
GS = - 6 V
-
5
0.05
4 at V
GS = - 4.5 V
-
4.5
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-
5.6
A
TC = 70 °C
-
5.1
TA = 25 °C
- 5.4b,c
TA = 70 °C
- 4.3b,c
Pulsed Drain Current (t = 100 µs)
IDM
- 18
Continous Source-Drain Diode Current
TC = 25 °C
IS
- 2.1
TA = 25 °C
- 1b,c
Maximum Power Dissipation
TC = 25 °C
PD
2.5
W
TC = 70 °C
1.6
TA = 25 °C
1.25b,c
TA = 70 °C
0.8b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb,d
t
 5 s
RthJA
75
100
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50
SMG2307PE
www.VBsemi.com
服务热线:400-655-8788


Similar Part No. - SMG2307PE

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2307PE SECOS-SMG2307PE Datasheet
473Kb / 4P
P-Channel Enhancement MOSFET
SMG2307PE SECOS-SMG2307PE_15 Datasheet
473Kb / 4P
P-Channel Elektronische Bauelemente Enhancement MOSFET
More results

Similar Description - SMG2307PE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com