Electronic Components Datasheet Search
  English  ▼

X  

NTB65N02RG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTB65N02RG
Description  Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB65N02RG Datasheet(HTML) 4 Page - ON Semiconductor

  NTB65N02RG Datasheet HTML 1Page - ON Semiconductor NTB65N02RG Datasheet HTML 2Page - ON Semiconductor NTB65N02RG Datasheet HTML 3Page - ON Semiconductor NTB65N02RG Datasheet HTML 4Page - ON Semiconductor NTB65N02RG Datasheet HTML 5Page - ON Semiconductor NTB65N02RG Datasheet HTML 6Page - ON Semiconductor NTB65N02RG Datasheet HTML 7Page - ON Semiconductor NTB65N02RG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NTB65N02R, NTP65N02R
http://onsemi.com
4
0
400
800
1200
1600
2000
10
5
0
5
10
15
20
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE
(V)
Figure 7. Capacitance Variation
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
Ciss
VDS = 0 V
Crss
VGS
VDS
0
1
2
3
4
5
04
6
10
12
Qg, TOTAL GATE CHARGE (nC)
Figure 8. Gate−to−Source and Drain−to−Source
Voltage versus Total Charge
QGS
QGD
VGS
ID = 30 A
TJ = 25°C
1
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
VDS = 10 V
ID = 30 A
VGS = 10 V
1
10
1000
0.1
1
10
100
RDS(ON) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
ms
100
ms
1 ms
10 ms
dc
VGS = 20 V
SINGLE PULSE
TC = 25°C
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1
Figure 10. Diode Forward Voltage versus
Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
TJ = 25°C
TJ = 150°C
tr
td(off)
tf
td(on)
100
28
0
2
4
6
8
10
VDS
QT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com