Electronic Components Datasheet Search
  English  ▼

X  

NLAS1053 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAS1053
Description  2:1 Mux/Demux Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS1053 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAS1053 Datasheet HTML 2Page - ON Semiconductor NLAS1053 Datasheet HTML 3Page - ON Semiconductor NLAS1053 Datasheet HTML 4Page - ON Semiconductor NLAS1053 Datasheet HTML 5Page - ON Semiconductor NLAS1053 Datasheet HTML 6Page - ON Semiconductor NLAS1053 Datasheet HTML 7Page - ON Semiconductor NLAS1053 Datasheet HTML 8Page - ON Semiconductor NLAS1053 Datasheet HTML 9Page - ON Semiconductor NLAS1053 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLAS1053
http://onsemi.com
8
3.5
2
1.5
1
0.5
0
0
15
25
35
40
VCOM (VOLTS)
30
20
10
2.5
85
°C
−55
°C
125
°C
25
°C
5
3
3
2
1.5
1
0.5
0
0
20
40
60
70
VCOM (VOLTS)
50
30
10
2.5
85
°C
−55
°C
125
°C
25
°C
2.5
2
1.5
1
0.5
0
0
20
40
60
80
100
VCOM (VOLTS)
90
70
50
30
10
5
4
3
2
1
0
0
20
40
60
80
100
VCOM (VOLTS)
VCC = 4.5 V
VCC = 3.0 V
VCC = 2.0 V
VCC = 2.5 V
3.0
Figure 15. Charge Injection versus COM Voltage
VCOM (V)
03
4
2
15
VCC = 3 V
VCC = 5 V
2.5
2.0
1.5
1.0
0.5
0
−0.5
Temperature (
°C)
Figure 16. ICC versus Temp, VCC = 3 V & 5 V
Figure 17. RON versus VCOM and VCC (@ 255C
Figure 18. RON versus VCOM and Temperature,
VCC 2.0 V
Figure 19. RON versus VCOM and Temperature,
VCC = 2.5 V
−40
60
80
20
0
100
−20
120
VCC = 3.0 V
VCC = 5.0 V
10
1
0.1
100
0.01
0.001
0.0001
0.00001
Figure 20. RON versus VCOM and Temperature,
VCC = 3.0 V
85
°C
−55
°C
125
°C
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com