Electronic Components Datasheet Search
  English  ▼

X  

NLSF595 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLSF595
Description  Serial (SPI) Tri-Color LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSF595 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLSF595_05 Datasheet HTML 5Page - ON Semiconductor NLSF595_05 Datasheet HTML 6Page - ON Semiconductor NLSF595_05 Datasheet HTML 7Page - ON Semiconductor NLSF595_05 Datasheet HTML 8Page - ON Semiconductor NLSF595_05 Datasheet HTML 9Page - ON Semiconductor NLSF595_05 Datasheet HTML 10Page - ON Semiconductor NLSF595_05 Datasheet HTML 11Page - ON Semiconductor NLSF595_05 Datasheet HTML 12Page - ON Semiconductor NLSF595_05 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NLSF595
http://onsemi.com
9
SCK
SQH
VCC
GND
50%
50% VCC
tPLH
tPHL
tw
1/fmax
SCLR
SQH
SCK
tw
50%
50% VCC
50%
VCC
GND
VCC
GND
tPHL
trec
Figure 6.
Figure 7.
SWITCHING WAVEFORMS
RCK
QA−QH
50%
tPLZ
tPZL
VCC
GND
Figure 8.
Figure 9.
QA−QH
50%
50% VCC
tPZL
tPLZ
VCC
GND
HIGH
IMPEDANCE
VOL +0.3V
OE
SI
50%
50%
SCK or RCK
VCC
GND
VALID
tsu
th
Figure 10.
tsu(H)
50%
50%
VCC
GND
VCC
GND
SCK
RCK
VCC
GND
tw
Figure 11.
TEST CIRCUITS
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 kW
Figure 12.
Figure 13.
50% VCC
SCLR
50%
VCC
GND
VOL +0.3 V
50%
VOL +0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com