Electronic Components Datasheet Search
  English  ▼

X  

NLAS3799 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAS3799
Description  Dual DPDT Ultra?묹ow RON Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3799 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAS3799 Datasheet HTML 3Page - ON Semiconductor NLAS3799 Datasheet HTML 4Page - ON Semiconductor NLAS3799 Datasheet HTML 5Page - ON Semiconductor NLAS3799 Datasheet HTML 6Page - ON Semiconductor NLAS3799 Datasheet HTML 7Page - ON Semiconductor NLAS3799 Datasheet HTML 8Page - ON Semiconductor NLAS3799 Datasheet HTML 9Page - ON Semiconductor NLAS3799 Datasheet HTML 10Page - ON Semiconductor NLAS3799 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NLAS3799, NLAS3799L
http://onsemi.com
9
Figure 7. Total Harmonic Distortion vs.
Frequency
0.12
0.13
0.14
0.11
10
100
1000
10000
100000
FREQUENCY (Hz)
Figure 8. Charge Injection @ VCC = 3.0 V
−20
−15
−10
−5
0
0
0.5
1
1.5
VIN (V)
−25
−30
2
2.5
3
3.5
Figure 9. Bandwidth vs. Frequency
FREQUENCY (MHz)
1
1000
100
10
0.01
0
−21
−3
−6
−9
−12
−15
−18
Figure 10. Cross−Talk vs. Frequency
FREQUENCY (MHz)
0
−10
−90
0.1
100
10
1
0.01
−20
−30
−40
−50
−60
−70
−80
0
0.4
0.45
0.5
0.0
0.5
1.0
1.5
2.0
3.0
VIN (V)
Figure 11. RON vs. VIN vs. Temperature
@ VCC = 3.0 V
2.5
−40
°C
85
°C
25
°C
Figure 12. RON vs. VIN vs. Temperature
@ VCC = 3.6 V
0.0
0.2
0.3
0.45
0.0
1.0
2.0
3.0
VIN (V)
0.5
1.5
2.5
3.5
4.0
−40
°C
85
°C
25
°C
0.1
0.15
0.25
0.35
0.05
0.08
0.09
0.10
0.07
0.04
0.05
0.06
0.03
0.01
0.02
0
−35
−40
−45
0.1
−100
0.25
0.3
0.35
0.2
0.05
0.1
0.15
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com