Electronic Components Datasheet Search
  English  ▼

X  

NLAS3799L Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLAS3799L
Description  Dual DPDT Ultra?묹ow RON Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3799L Datasheet(HTML) 5 Page - ON Semiconductor

  NLAS3799L Datasheet HTML 1Page - ON Semiconductor NLAS3799L Datasheet HTML 2Page - ON Semiconductor NLAS3799L Datasheet HTML 3Page - ON Semiconductor NLAS3799L Datasheet HTML 4Page - ON Semiconductor NLAS3799L Datasheet HTML 5Page - ON Semiconductor NLAS3799L Datasheet HTML 6Page - ON Semiconductor NLAS3799L Datasheet HTML 7Page - ON Semiconductor NLAS3799L Datasheet HTML 8Page - ON Semiconductor NLAS3799L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NLAS3799, NLAS3799L
http://onsemi.com
5
NLAS3799L DC CHARACTERISTICS − DIGITAL SECTION (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
25
°C
−40 to +85
°C
VIH
Minimum High−Level Input Voltage, Select
Inputs
3.0
3.6
1.2
1.3
1.2
1.3
V
VIL
Maximum Low−Level Input Voltage, Select
Inputs
3.0
3.6
0.5
0.5
0.5
0.5
V
IIN
Maximum Input Leakage Current, Select
Inputs
VIN = VCC or GND
3.6
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VIN = 3.6 V or GND
0
±0.5
±2.0
mA
ICC
Maximum Quiescent Supply Current
(Note 6)
Select and VIS = VCC or GND
1.65 to 3.6
±10
±20
mA
6. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
NLAS3799L DC ELECTRICAL CHARACTERISTICS − ANALOG SECTION
Symbol
Parameter
Condition
VCC
Guaranteed Maximum Limit
Unit
25
°C
−40
°C to +85°C
Min
Max
Min
Max
RON
NC/NO On−Resistance
(Note 7)
VIN = VIL or VIN = VIH
VIS = GND to VCC
IINI = 100 mA
3.0
3.6
0.5
0.5
0.5
0.5
W
RFLAT
NC/NO On−Resistance Flatness
(Notes 7 and 8)
ICOM = 100 mA
VIS = 0 to VCC
3.0
3.6
0.15
0.15
0.15
0.15
W
DRON
On−Resistance Match Between Channels
(Notes 7 and 9)
VIS = 1.5 V;
ICOM = 100 mA
VIS = 1.8 V;
ICOM = 100 mA
3.0
3.6
0.05
0.05
0.05
0.05
W
INC(OFF)
INO(OFF)
NC or NO Off Leakage Current (Note 7)
VIN = VIL or VIH
VNO or VNC = 0.3 V
VCOM = 3.3 V
3.6
−10
10
−100
100
nA
ICOM(ON)
COM ON
Leakage Current
(Note 7)
VIN = VIL or VIH
VNO 0.3 V or 3.3 V with
VNC floating or
VNC 0.3 V or 3.3 V with
VNO floating
VCOM = 0.3 V or 3.3 V
3.6
−10
10
−100
100
nA
7. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
8. Flatness is defined as the difference between the maximum and minimum value of On−resistance as measured over the specified analog
signal ranges.
9.
DRON = RON(MAX) − RON(MIN) between NC1 and NC2 or between NO1 and NO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com