Electronic Components Datasheet Search
  English  ▼

X  

SL15T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SL15T1
Description  300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL15T1 Datasheet(HTML) 1 Page - ON Semiconductor

  SL15T1 Datasheet HTML 1Page - ON Semiconductor SL15T1 Datasheet HTML 2Page - ON Semiconductor SL15T1 Datasheet HTML 3Page - ON Semiconductor SL15T1 Datasheet HTML 4Page - ON Semiconductor SL15T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
SL05T1/D
SL05T1 Series
300 Watt, SOT−23 Low
Capacitance TVS for High
Speed Line Protections
This new family of TVS offers transient overvoltage protection with
significantly reduced capacitance. The capacitance is lowered by
integrating a compensating diode in series. This integrated solution
offers ESD protection for high speed interfaces such as communication
systems, computers, and computer peripherals.
Features
• TVS Diode in Series with a Compensating Diode Offers <5 pF
Capacitance
• ESD Protection Meeting IEC 61000−4−2, 4−4, 4−5
• Peak Power Rating of 300 W, 8 × 20 ms
• Bi−Direction Protection Can Be Achieved By Using Two Devices
• Flammability Rating UL 94 V−0
• Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
Package designed for optimal automated board assembly
Small package size for high density applications
Available in 8 mm Tape and Reel
Use the Device Number to order the 7 inch/3,000 unit reel.
Replace the “T1” with “T3” in the Device Number to order the
13 inch/10,000 unit reel.
SOT−23 (TO−236)
CASE 318
STYLE 26
21
3
(NC)
1
2
3
Device
Package
Shipping†
ORDERING INFORMATION
SL05T1
SOT−23
3000/Tape & Reel
SL15T1
SOT−23
3000/Tape & Reel
SL24T1
SOT−23
3000/Tape & Reel
Lxx M
G
G
MARKING
DIAGRAM
See specific marking information in the device marking
column of the table on page 3 of this data sheet.
DEVICE MARKING INFORMATION
SL05T3
SOT−23
10,000/Tape & Reel
SL15T3
SOT−23
10,000/Tape & Reel
SL24T3
SOT−23
10,000/Tape & Reel
http://onsemi.com
Lxx = Device Code
xx = 05, 15, or 24
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may vary
depending upon manufacturing location.
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SL24T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SL15T1G
SOT−23
(Pb−Free)
3000/Tape & Reel
SL05T1G
SOT−23
(Pb−Free)
3000/Tape & Reel


Similar Part No. - SL15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SL15T1 ONSEMI-SL15T1 Datasheet
53Kb / 8P
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
SL15T1 ONSEMI-SL15T1 Datasheet
113Kb / 5P
300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
logo
Zibo Seno Electronic En...
SL15T100 ZSELEC-SL15T100 Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL15T100L ZSELEC-SL15T100L Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
SL15T120 ZSELEC-SL15T120 Datasheet
190Kb / 2P
15.0 A SUPER BARRIER RECTIFIER
More results

Similar Description - SL15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SL05T1 ONSEMI-SL05T1 Datasheet
53Kb / 8P
300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
May, 2002 ??Rev. 3
logo
Protek Devices
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
300 watt Multi-line TVS ARRAY
SM16LC03 PROTEC-SM16LC03_11 Datasheet
887Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRY
SMDA03-6 PROTEC-SMDA03-6_11 Datasheet
512Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
PLCDA03C-6 PROTEC-PLCDA03C-6_12 Datasheet
917Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
PLCDA03 PROTEC-PLCDA03_12 Datasheet
886Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SM16LC03 PROTEC-SM16LC03_12 Datasheet
889Kb / 9P
500 WATT MULTI-LINE LOW CAPACITANCE TVS ARRAY
SMDA03-6 PROTEC-SMDA03-6_12 Datasheet
513Kb / 6P
300 WATT MULTI-LINE TVS ARRAY
logo
ON Semiconductor
SL12T1 ONSEMI-SL12T1 Datasheet
113Kb / 5P
300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
logo
Semtech Corporation
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
Low Capacitance TVS for High-Speed Interfaces
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com