Electronic Components Datasheet Search
  English  ▼

X  

TIP141 Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP141
Description  Darlington Complementary Silicon Power Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP141 Datasheet(HTML) 1 Page - ON Semiconductor

  TIP141 Datasheet HTML 1Page - ON Semiconductor TIP141 Datasheet HTML 2Page - ON Semiconductor TIP141 Datasheet HTML 3Page - ON Semiconductor TIP141 Datasheet HTML 4Page - ON Semiconductor TIP141 Datasheet HTML 5Page - ON Semiconductor TIP141 Datasheet HTML 6Page - ON Semiconductor TIP141 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 5
1
Publication Order Number:
TIP140/D
TIP140, TIP141, TIP142,
(NPN); TIP145, TIP146,
TIP147, (PNP)
TIP141, TIP142, TIP146, and TIP147 are Preferred Devices
Darlington Complementary
Silicon Power Transistors
Designed for general−purpose amplifier and low frequency
switching applications.
Features
• High DC Current Gain −
Min hFE = 1000 @ IC
= 5.0 A, VCE = 4 V
• Collector−Emitter Sustaining Voltage − @ 30 mA
VCEO(sus) = 60 Vdc (Min) − TIP140, TIP145
= 80 Vdc (Min) − TIP141, TIP146
= 100 Vdc (Min) − TIP142, TIP147
• Monolithic Construction with Built−In Base−Emitter Shunt Resistor
• Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
TIP140
TIP145
TIP141
TIP146
TIP142
TIP147
Unit
Collector − Emitter Voltage
VCEO
60
80
100
Vdc
Collector − Base Voltage
VCB
60
80
100
Vdc
Emitter − Base Voltage
VEB
5.0
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
10
15
Adc
Base Current − Continuous
IB
0.5
Adc
Total Power Dissipation
@ TC = 25_C
PD
125
W
Operating and Storage
Junction Temperature Range
TJ, Tstg
−65 to +150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Case
RqJC
1.0
°C/W
Thermal Resistance,
Junction−to−Ambient
RqJA
35.7
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. 5 ms,
v 10% Duty Cycle.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use
and best overall value.
10 AMPERE
DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
60−100 VOLTS, 125 WATTS
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SOT−93 (TO−218)
CASE 340D
STYLE 1
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
TIP14x
= Device Code
x
= 0, 1, 2, 5, 6, or 7
G
= Pb−Free Package
AYWWG
TIP14x


Similar Part No. - TIP141

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP141 MOSPEC-TIP141 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP141 MOTOROLA-TIP141 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP141 ONSEMI-TIP141 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP141 POINN-TIP141 Datasheet
139Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP141 STMICROELECTRONICS-TIP141 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP141

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com