Electronic Components Datasheet Search
  English  ▼

X  

TIP125 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP125
Description  Plastic Medium-Power Complementary Silicon Transistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP125 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP125 Datasheet HTML 1Page - ON Semiconductor TIP125 Datasheet HTML 2Page - ON Semiconductor TIP125 Datasheet HTML 3Page - ON Semiconductor TIP125 Datasheet HTML 4Page - ON Semiconductor TIP125 Datasheet HTML 5Page - ON Semiconductor TIP125 Datasheet HTML 6Page - ON Semiconductor TIP125 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TIP120, TIP121, TIP122 (NPN); TIP125, TIP126, TIP127 (PNP)
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
TIP120,
TIP125
TIP121,
TIP126
TIP122,
TIP127
Unit
Collector−Emitter Voltage
VCEO
60
80
100
Vdc
Collector−Base Voltage
VCB
60
80
100
Vdc
Emitter−Base Voltage
VEB
5.0
Vdc
Collector Current − Continuous
− Peak
IC
5.0
8.0
Adc
Base Current
IB
120
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
65
0.52
W
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
W
W/
_C
Unclamped Inductive Load Energy (Note 1)
E
50
mJ
Operating and Storage Junction, Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.92
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. IC = 1 A, L = 100 mH, P.R.F. = 10 Hz, VCC = 20 V, RBE = 100 W
ORDERING INFORMATION
Device
Package
Shipping
TIP120
TO−220
50 Units / Rail
TIP120G
TO−220
(Pb−Free)
50 Units / Rail
TIP121
TO−220
50 Units / Rail
TIP121G
TO−220
(Pb−Free)
50 Units / Rail
TIP122
TO−220
50 Units / Rail
TIP122G
TO−220
(Pb−Free)
50 Units / Rail
TIP125
TO−220
50 Units / Rail
TIP125G
TO−220
(Pb−Free)
50 Units / Rail
TIP126
TO−220
50 Units / Rail
TIP126G
TO−220
(Pb−Free)
50 Units / Rail
TIP127
TO−220
50 Units / Rail
TIP127G
TO−220
(Pb−Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com