Electronic Components Datasheet Search
  English  ▼

X  

TL494CDG Datasheet(PDF) 1 Page - ON Semiconductor

Part # TL494CDG
Description  SWITCHMODE TM Pulse Width Modulation Control Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL494CDG Datasheet(HTML) 1 Page - ON Semiconductor

  TL494CDG Datasheet HTML 1Page - ON Semiconductor TL494CDG Datasheet HTML 2Page - ON Semiconductor TL494CDG Datasheet HTML 3Page - ON Semiconductor TL494CDG Datasheet HTML 4Page - ON Semiconductor TL494CDG Datasheet HTML 5Page - ON Semiconductor TL494CDG Datasheet HTML 6Page - ON Semiconductor TL494CDG Datasheet HTML 7Page - ON Semiconductor TL494CDG Datasheet HTML 8Page - ON Semiconductor TL494CDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 6
1
Publication Order Number:
TL494/D
TL494, NCV494
SWITCHMODE™ Pulse Width
Modulation Control Circuit
The TL494 is a fixed frequency, pulse width modulation control
circuit designed primarily for SWITCHMODE power supply control.
Features
• Complete Pulse Width Modulation Control Circuitry
• On−Chip Oscillator with Master or Slave Operation
• On−Chip Error Amplifiers
• On−Chip 5.0 V Reference
• Adjustable Deadtime Control
• Uncommitted Output Transistors Rated to 500 mA Source or Sink
• Output Control for Push−Pull or Single−Ended Operation
• Undervoltage Lockout
• NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
• Pb−Free Packages are Available*
MAXIMUM RATINGS (Full operating ambient temperature range applies,
unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
42
V
Collector Output Voltage
VC1,
VC2
42
V
Collector Output Current
(Each transistor) (Note 1)
IC1, IC2
500
mA
Amplifier Input Voltage Range
VIR
−0.3 to +42
V
Power Dissipation @ TA ≤ 45°C
PD
1000
mW
Thermal Resistance, Junction−to−Ambient
RqJA
80
°C/W
Operating Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
−55 to +125
°C
Operating Ambient Temperature Range
TL494B
TL494C
TL494I
NCV494B
TA
−40 to +125
0 to +70
− 40 to +85
−40 to +125
°C
Derating Ambient Temperature
TA
45
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Maximum thermal limits must be observed.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
SOIC−16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
TL494xDG
AWLYWW
x
= B, C or I
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
1
16
PDIP−16
N SUFFIX
CASE 648
*This marking diagram also applies to NCV494.
PIN CONNECTIONS
CT
RT
Ground
C1
1
Inv
Input
C2
Q2
E2
E1
1
≈ 0.1 V
Oscillator
VCC
5.0 V
REF
(Top View)
Noninv
Input
Inv
Input
Vref
Output
Contro
l
VCC
Noninv
Input
Compen/PWN
Comp Input
Deadtime
Control
Error
Amp
+
−
2
3
4
5
6
7
89
10
11
12
13
14
15
16
2
Error
Amp
+
−
Q1
TL494xN
AWLYYWWG
*
1
16


Similar Part No. - TL494CDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TL494CDG ONSEMI-TL494CDG Datasheet
149Kb / 14P
Modulation Control Circuit
June, 2005 ??Rev. 6
TL494CDG ONSEMI-TL494CDG Datasheet
302Kb / 14P
Switch mode Pulse Width Modulation Control Circuit
August, 2021 - Rev. 7
logo
Texas Instruments
TL494CDG4 TI-TL494CDG4 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CDG4 TI-TL494CDG4 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL494CDG4 TI-TL494CDG4 Datasheet
614Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL494CDG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL494 MOTOROLA-TL494 Datasheet
197Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
TL594 MOTOROLA-TL594 Datasheet
198Kb / 12P
PRECISION SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
TL494 ONSEMI-TL494 Datasheet
143Kb / 12P
SWITCHMODE PULSE WIDTH MODULATION CONTROL CIRCUIT
April, 2004 ??Rev. 5
logo
List of Unclassifed Man...
PJ494 ETC-PJ494 Datasheet
688Kb / 11P
Switchmode Pulse Width Modulation Control Circuit
logo
Ceramate Technical
CP494 CERAMATE-CP494 Datasheet
155Kb / 11P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594 Datasheet
145Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494 FCI-TL494 Datasheet
634Kb / 11P
Switchmode Pulse Width Modulation Control Circuits
logo
Estek Electronics Co. L...
ET-KA7500 ESTEK-ET-KA7500 Datasheet
478Kb / 4P
SWITCHMODE Pulse Width Modulation Control Circuit
logo
ON Semiconductor
TL594 ONSEMI-TL594_10 Datasheet
151Kb / 12P
Precision Switchmode Pulse Width Modulation Control Circuit
November, 2005 ??Rev. 5
logo
First Components Intern...
TL494AP FCI-TL494AP Datasheet
205Kb / 7P
Switchmode Pulse - Width - Modulation Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com