Electronic Components Datasheet Search
  English  ▼

X  

UMC5NT2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # UMC5NT2
Description  Dual Common Base?묬ollector Bias Resistor Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UMC5NT2 Datasheet(HTML) 2 Page - ON Semiconductor

  UMC5NT2 Datasheet HTML 1Page - ON Semiconductor UMC5NT2 Datasheet HTML 2Page - ON Semiconductor UMC5NT2 Datasheet HTML 3Page - ON Semiconductor UMC5NT2 Datasheet HTML 4Page - ON Semiconductor UMC5NT2 Datasheet HTML 5Page - ON Semiconductor UMC5NT2 Datasheet HTML 6Page - ON Semiconductor UMC5NT2 Datasheet HTML 7Page - ON Semiconductor UMC5NT2 Datasheet HTML 8Page - ON Semiconductor UMC5NT2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UMC2NT1, UMC3NT1, UMC5NT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Q1 TRANSISTOR: PNP
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter-Base Cutoff Current
UMC2NT1
(VEB = 6.0, IC = 0 mA)
UMC3NT1
UMC5NT1
IEBO
−
−
−
−
−
−
0.2
0.5
1.0
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
DC Current Gain
UMC2NT1
(VCE = 10 V, IC = 5.0 mA)
UMC3NT1
UMC5NT1
hFE
60
35
20
100
60
35
−
−
−
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
−
−
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
−
−
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
−
−
Vdc
Input Resistor
UMC2NT1
UMC3NT1
UMC5NT1
R1
15.4
7.0
3.3
22
10
4.7
28.6
13
6.1
k
W
Resistor Ratio
UMC2NT1
UMC3NT1
UMC5NT1
R1/R2
0.8
0.8
0.38
1.0
1.0
0.47
1.2
1.2
0.56
Q2 TRANSISTOR: NPN
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter-Base Cutoff Current
UMC2NT1
(VEB = 6.0, IC = 0 mA)
UMC3NT1
UMC5NT1
IEBO
−
−
−
−
−
−
0.2
0.5
0.1
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
DC Current Gain
UMC2NT1
(VCE = 10 V, IC = 5.0 mA)
UMC3NT1
UMC5NT1
hFE
60
35
80
100
60
140
−
−
−
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
−
−
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
VOL
−
−
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
−
−
Vdc
Input Resistor
UMC2NT1
UMC3NT1
UMC5NT1
R1
15.4
7.0
33
22
10
47
28.6
13
61
k
W
Resistor Ratio
UMC2NT1
UMC3NT1
UMC5NT1
R1/R2
0.8
0.8
0.8
1.0
1.0
1.0
1.2
1.2
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com