Electronic Components Datasheet Search
  English  ▼

X  

SY10E131 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E131
Description  4-BIT D FLIP-FLOP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E131 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E131 Datasheet HTML 1Page - Micrel Semiconductor SY10E131 Datasheet HTML 2Page - Micrel Semiconductor SY10E131 Datasheet HTML 3Page - Micrel Semiconductor SY10E131 Datasheet HTML 4Page - Micrel Semiconductor SY10E131 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10E131
SY100E131
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
fMAX
Max. Toggle Frequency
1100
1400
—
1100
1400
—
1100
1400
—
1100
1400
—
MHz
tPD
Propagation Delay to
ps
Output
CE
310
600
750
360
500
700
360
500
700
360
500
700
CC
275
600
725
325
500
675
325
500
675
325
500
675
R
300
625
775
350
550
725
350
550
725
350
550
725
S
300
550
775
350
550
725
350
550
725
350
550
725
ts
Set-up Time, D(2)
200
20
—
150
20
—
150
20
—
150
20
—
ps
th
Hold Time, D(2)
225
–20
—
175
–20
—
175
–20
—
175
–20
—
ps
tRR
Reset Recovery Time
450
150
—
400
150
—
400
150
—
400
150
—
ps
tPW
Minimum Pulse Width
ps
Clk
400
——
400
——
400
——
400
——
R, S
400
——
400
——
400
——
400
——
tskew
Within-Device Skew(1)
—
60
——
60
——
60
——
60
—
ps
tr
Rise/Fall Time
275
460
725
300
480
675
300
480
675
300
480
675
ps
tf
20% to 80%
DC ELECTRICAL CHARACTERISTICS
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IIH
Input HIGH Current
µA
CC
——
350
——
350
——
350
——
350
S
——
450
——
450
——
450
——
450
R
——
300
——
300
——
300
——
300
CE
——
300
——
300
——
300
——
300
D
——
150
——
150
——
150
——
150
IEE
Power Supply Current
mA
10E
—
58
70
—
58
70
—
58
70
—
58
70
100E
—
58
70
—
58
70
—
58
70
—
67
81
AC ELECTRICAL CHARACTERISTICS
VEE = VEE(Min.) to VEE(Max.); VCC = VCCO = GND
Notes:
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Set-up/hold times guaranteed for both CC and CE.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com