Electronic Components Datasheet Search
  English  ▼

X  

SY10E136 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY10E136
Description  6-BIT UNIVERSAL UP/DOWN COUNTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E136 Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY10E136 Datasheet HTML 1Page - Micrel Semiconductor SY10E136 Datasheet HTML 2Page - Micrel Semiconductor SY10E136 Datasheet HTML 3Page - Micrel Semiconductor SY10E136 Datasheet HTML 4Page - Micrel Semiconductor SY10E136 Datasheet HTML 5Page - Micrel Semiconductor SY10E136 Datasheet HTML 6Page - Micrel Semiconductor SY10E136 Datasheet HTML 7Page - Micrel Semiconductor SY10E136 Datasheet HTML 8Page - Micrel Semiconductor SY10E136 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SY10E136
SY100E136
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
Figure 4. Programmable Divider Waveforms
Figure 5. 24-bit Programmable Divider Architecture
The exercise of building a programmable divider then
becomes simply determining what value to load into the
counter to accomplish the desired division. Since the load
operation requires a clock pulse, to divide by N, N-1 must
be loaded into the counter. A single E136 device is capable
of divide ratios of 2 to 64, inclusive. Table 1 outlines the
load values for the various divide ratios. Figure 4 presents
the waveforms resulting from a divide by 37 operation. Note
that the availability of the COUT complimentary output (COUT)
allows the user to choose the polarity of the divide by output.
For single device programmable counters, the E016
counter is probably a better choice than the E136.
The
E016 has an internal feedback to control the reloading of
the counter. This not only simplifies board design, but also
will result in a faster maximum count frequency.
For programmable dividers of larger than 8 bits, the
benefits of the E016 diminishes and, in fact, for very wide
dividers, the E136 will provide the capability of a faster
count frequency. Figure 5 shows the architecture of a 24-
bit programmable divider implemented using E136 counters.
Note the need for one external gate to control the loading of
the entire counter chain. An ideal device for the external
gating of this architecture would be the 4-input OR function
in the 8-lead SOIC ECLinPS Lite™ family. However, the
final decision as to what device to use for external gating
requires a balancing of performance needs, cost and
available board space. Note that because of the need for
external gating, the maximum count frequency of a given
sized programmable divider will be less than that of a single
cascaded counter.
CLOCK
COUT
S1
LOAD
100100
100011
000011
000010
000001
000000
LOAD
DIVIDE BY 37
CLK
CIN
CLIN
CLOCK
"LO"
"LO"
LSB
Q0 – Q5
D0 – D5
"LO"
Q0 – Q5
D0 – D5
Q0 – Q5
D0 – D5
MSB
Q0 – Q5
D0 – D5
S1
CLK
CLK
CLK
S1
S1
S1
COUT
CLOUT
CIN
CLIN
COUT
CLOUT
CIN
CLIN
COUT
CLOUT
CIN
CLIN
COUT
CLOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com