Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 15 Page - ON Semiconductor

Part # TL431BCLP
Description  Programmable Precision References
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431BCLP Datasheet(HTML) 15 Page - ON Semiconductor

Back Button TL431BCLP Datasheet HTML 11Page - ON Semiconductor TL431BCLP Datasheet HTML 12Page - ON Semiconductor TL431BCLP Datasheet HTML 13Page - ON Semiconductor TL431BCLP Datasheet HTML 14Page - ON Semiconductor TL431BCLP Datasheet HTML 15Page - ON Semiconductor TL431BCLP Datasheet HTML 16Page - ON Semiconductor TL431BCLP Datasheet HTML 17Page - ON Semiconductor TL431BCLP Datasheet HTML 18Page - ON Semiconductor TL431BCLP Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TL431, A, B Series, NCV431A, B
http://onsemi.com
15
ORDERING INFORMATION
Device
Operating Temperature Range
Package Code
Shipping Information†
Tolerance
TL431AIP
−40
°C to 85°C
PDIP−8
50 Units / Rail
1.0%
TL431AIPG
PDIP−8
(Pb−Free)
TL431BIP
PDIP−8
0.4%
TL431BIPG
PDIP−8
(Pb−Free)
0.4%
TL431IP
PDIP−8
2.2%
TL431IPG
PDIP−8
(Pb−Free)
2.2%
TL431AILP
TO−92 (TO−226)
2000 Units / Bag
1.0%
TL431AILPG
TO−92 (TO−226)
1.0%
TL431BILP
TO−92 (TO−226)
0.4%
TL431BILPG
TO−92 (TO−226)
(Pb−Free)
TL431ILP
TO−92 (TO−226)
2.2%
TL431ILPG
TO−92 (TO−226)
(Pb−Free)
TL431AILPRA
TO−92 (TO−226)
2000 Units / Tape & Reel
1.0%
TL431AILPRAG
TO−92 (TO−226)
(Pb−Free)
TL431BILPRA
TO−92 (TO−226)
0.4%
TL431BILPRAG
TO−92 (TO−226)
(Pb−Free)
TL431ILPRA
TO−92 (TO−226)
2.2%
TL431ILPRAG
TO−92 (TO−226)
(Pb−Free)
TL431AILPRM
TO−92 (TO−226)
2000 / Tape & Ammo Box
1.0%
TL431AILPRMG
TO−92 (TO−226)
(Pb−Free)
1.0%
TL431AILPRP
TO−92 (TO−226)
1.0%
TL431AILPRPG
TO−92 (TO−226)
(Pb−Free)
1.0%
TL431ILPRP
TO−92 (TO−226)
2.2%
TL431ILPRPG
TO−92 (TO−226)
(Pb−Free)
2.2%
TL431BVD
−40
°C to 125°C
SOIC−8
98 Units / Rail
0.4%
TL431BVDG
SOIC−8
(Pb−Free)
0.4%
TL431BVDR2
SOIC−8
2500 Units / Tape & Reel
0.4%
TL431BVDR2G
SOIC−8
(Pb−Free)
0.4%
TL431BVDMR2
Micro8
4000 Units / Tape & Reel
0.4%
TL431BVDMR2G
Micro8
(Pb−Free)
0.4%
TL431BVLP
TO−92 (TO−226)
2000 Units / Bag
0.4%
TL431BVLPG
TO−92 (TO−226)
(Pb−Free)
0.4%
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com