Electronic Components Datasheet Search
  English  ▼

X  

SY10E154 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E154
Description  5-BIT 2:1 MUX-LATCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E154 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E154 Datasheet HTML 1Page - Micrel Semiconductor SY10E154 Datasheet HTML 2Page - Micrel Semiconductor SY10E154 Datasheet HTML 3Page - Micrel Semiconductor SY10E154 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E154
SY100E154
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
—
D
325
500
700
325
500
700
325
500
700
SEL
475
650
925
475
650
925
475
650
925
LEN
350
500
750
350
500
750
350
500
750
MR
450
600
800
450
600
800
450
600
800
tS
Set-up Time
ps
—
D
300
100
—
300
100
—
300
100
—
SEL
500
250
—
500
250
—
500
250
—
tH
Hold Time
ps
—
D
300
–100
—
300
–100
—
300
–100
—
SEL
200
–250
—
200
–250
—
200
–250
—
tRR
Reset Recovery Time
800
600
—
800
600
—
800
600
—
ps
—
tPW
Minimum Pulse Width, MR
400
——
400
——
400
——
ps
—
tskew
Within-Device Skew
—
50
——
50
——
50
—
ps
1
tr
Rise/Fall Time
300
475
800
300
475
800
300
475
800
ps
—
tf
20% to 80%
Note:
1. Within-device skew is defined as identical transitions on similar paths through a device.
TRUTH TABLES
SEL
Data
Ha
Lb
LEN1
LEN2
Latch
L
L
Transparent
H
X
Latched
X
H
Latched
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
76
91
—
76
91
—
76
91
100E
—
76
91
—
76
91
—
87
105
AC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com