Electronic Components Datasheet Search
  English  ▼

X  

BYX101 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYX101
Description  High-voltage soft-recovery controlled avalanche rectifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX101 Datasheet(HTML) 3 Page - NXP Semiconductors

  BYX101 Datasheet HTML 1Page - NXP Semiconductors BYX101 Datasheet HTML 2Page - NXP Semiconductors BYX101 Datasheet HTML 3Page - NXP Semiconductors BYX101 Datasheet HTML 4Page - NXP Semiconductors BYX101 Datasheet HTML 5Page - NXP Semiconductors BYX101 Datasheet HTML 6Page - NXP Semiconductors BYX101 Datasheet HTML 7Page - NXP Semiconductors BYX101 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Jan 13
3
Philips Semiconductors
Product specification
High-voltage soft-recovery
controlled avalanche rectifiers
BYX101G; BYX102G;
BYX103G; BYX104G
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. For more information please refer to the
“General Part of associated Handbook”.
PRSM
non-repetitive peak reverse power
dissipation
t=10
µs; triangular pulse;
Tj =Tj max prior to surge
−
4kW
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 1 A; Tj = 165 °C
BYX101G
17.5
V
BYX102G
19.5
V
BYX103G
22.5
V
BYX104G
31
V
forward voltage
IF =1A
BYX101G
20.5
V
BYX102G
23.9
V
BYX103G
29.7
V
BYX104G
52
V
IR
reverse current
VR =VRWmax
15
µA
VR =VRWmax; Tj = 165 °C50
µA
trr
reverse recovery time
when switched from IF = 50 mA to
IR = 100 mA; measured at IR =25mA
BYX101G
600
ns
BYX102G
350
ns
BYX103G
175
ns
BYX104G
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-oil
thermal resistance from junction to oil
note 1
20
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com