Electronic Components Datasheet Search
  English  ▼

X  

SY10E166 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E166
Description  9-BIT MAGNITUDE COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E166 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E166 Datasheet HTML 1Page - Micrel Semiconductor SY10E166 Datasheet HTML 2Page - Micrel Semiconductor SY10E166 Datasheet HTML 3Page - Micrel Semiconductor SY10E166 Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E166
SY100E166
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
s 1100ps max. Propagation Delay A = B
s Extended 100E VEE range of –4.2V to –5.5V
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
Ω input pulldown resistors
s Fully compatible with Motorola MC10E/100E166
s Available in 28-pin PLCC package
FEATURES
The SY10/100E166 are 9-bit magnitude comparators
designed for use in new, high-performance ECL systems.
The E166 compares the binary value of two 9-bit words and
indicates whether one word is greater than or equal to the
other.
DESCRIPTION
9-BIT MAGNITUDE
COMPARATOR
Rev.: E
Amendment: /0
Issue Date:
March 2006
SY10E166
SY100E166
BLOCK DIAGRAM
Pin
Function
A0–A8
A Data Inputs
B0–B8
B Data Inputs
A > B
A Greater than B Output
B > A
B Greater than A Output
A = B
A Equal to B Output (active-LOW)
VCCO
VCC to Output
PIN NAMES
A > B
A = B
A0–A8
9
B0–B8
9
B > A
COMPARATOR


Similar Part No. - SY10E166

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
9-BIT MAGNITUDE COMPARATOR
SY10E166JC MICREL-SY10E166JC Datasheet
56Kb / 4P
9-BIT MAGNITUDE COMPARATOR
SY10E166JCTR MICREL-SY10E166JCTR Datasheet
56Kb / 4P
9-BIT MAGNITUDE COMPARATOR
More results

Similar Description - SY10E166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166 Datasheet
97Kb / 4P
9-BIT MAGNITUDE COMPARATOR
REV 3
MC10H166 ONSEMI-MC10H166 Datasheet
114Kb / 5P
5-Bit Magnitude Comparator
1996 REV 5
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
Micrel Semiconductor
SY10E166 MICREL-SY10E166 Datasheet
56Kb / 4P
9-BIT MAGNITUDE COMPARATOR
logo
ON Semiconductor
MC10E166 ONSEMI-MC10E166_06 Datasheet
123Kb / 7P
5V ECL 9-Bit Magnitude Comparator
November, 2006 ??Rev. 8
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
8-bit magnitude comparator
Rev. 4 - 16 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com