Electronic Components Datasheet Search
  English  ▼

X  

SY10E171JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E171JC
Description  3-BIT 4:1 MULTIPLEXER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E171JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E171JC Datasheet HTML 1Page - Micrel Semiconductor SY10E171JC Datasheet HTML 2Page - Micrel Semiconductor SY10E171JC Datasheet HTML 3Page - Micrel Semiconductor SY10E171JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10E171
SY100E171
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
TRUTH TABLE
Pin
State
Operation
SEL2
H
Output c/d data
SEL1A
H
Input d data
SEL1B
H
Input b data
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
IEE
Power Supply Current
mA
—
10E
—
56
67
—
56
67
—
56
67
100E
—
56
67
—
56
67
—
65
77
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max. Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
—
D
275
480
650
275
480
650
275
480
650
SEL1
450
650
850
450
650
850
450
650
850
SEL2
350
550
700
350
550
700
350
550
700
tskew
Within-Device Skew
ps
1
Dnm, Dnm to Qn
—
60
——
60
——
60
—
Da, Db, Dc, Dd to Q
—
40
——
40
——
40
—
tr
Rise/Fall Time
300
475
650
300
475
650
300
475
650
ps
—
tf
20% to 80%
Note:
1. Within-device skew is defined as identical transitions on similar paths through a device; n = 0, 1, 2 m = a, b, c, d.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com