Electronic Components Datasheet Search
  English  ▼

X  

SY10E195JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E195JC
Description  PROGRAMMABLE DELAY CHIP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E195JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E195JC Datasheet HTML 1Page - Micrel Semiconductor SY10E195JC Datasheet HTML 2Page - Micrel Semiconductor SY10E195JC Datasheet HTML 3Page - Micrel Semiconductor SY10E195JC Datasheet HTML 4Page - Micrel Semiconductor SY10E195JC Datasheet HTML 5Page - Micrel Semiconductor SY10E195JC Datasheet HTML 6Page - Micrel Semiconductor SY10E195JC Datasheet HTML 7Page - Micrel Semiconductor SY10E195JC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Precison Edge®
SY10E195
SY100E195
Micrel, Inc.
M9999-032006
hbwhelp@micrel.com or (408) 955-1690
BLOCK DIAGRAM
*Delays are 25% or 50% longer than
standard (standard = 80ps).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com