Electronic Components Datasheet Search
  English  ▼

X  

AT83R22OK Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83R22OK
Description  CardMan Smart Key
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R22OK Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83R22OK Datasheet HTML 1Page - ATMEL Corporation AT83R22OK Datasheet HTML 2Page - ATMEL Corporation AT83R22OK Datasheet HTML 3Page - ATMEL Corporation AT83R22OK Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4306BS–SCR–12/06
Features
• Smart Card Interface
– Smart Card Interface Compliant with ISO 7816 and EMV 2000
– Support of T = 0, T = 1, TWI (S = 8), 2-wire: SLE 4432/42 (S = 10), 3-wire:
SLE4418/28 (S = 9), Others on Request
– High-performance Smart Card Interface
– Supports 5V, 3V and 1,8V Smart Cards
– Supply Current 60 mA to Power the Smart Card
– Smart Card mOvement Detection With Auto Power-off
– Automatic Detection of Smart Card Type
– Short-circuit and Thermal Protection
– 8-pin handling (C4/C8 Supported)
– On Request: Second Smart Card Interface
• Host Interface
– USB (Compliant with USB 1.1 and 2.0, CCID Supported)
– Transmission Speed: 12 Mbps
– Customer Specific USB Descriptors
• Keyboard Support
– Customer Specific Keyboard-Matrix-Layout for up to 160 keys (Max. Size 20x8),
e.g. Multimedia Keyboards
– Slow Rise and Fall Time on Keyboard-matrix Ports to Ensure Low EMI
– Ready-to-use Firmware for Keyboard Support included; Customer Specific
Firmware Possible
• Compliance
– WHQL (Microsoft) Certified
– EMV 2000 (Europay, Mastercard, Visa) Certified
– USB 1.1 and 2.0
– USB CCID
– ISO 7816
– HBCI
• Other Features
– Fast and Easy Certification Process
– Supports LED Status Indicator (Green: ready; Red: busy)
– Supports 3 Keyboard LED’s
– Secure Pin Entry (SPE)
• PC/SC Driver support
– Windows 98®
– Windows ME®
– Windows 2000®
– Windows XP®
– Windows CE 3.0 / CE.NET (Depending on Hardware)
– Linux®
– MAC OS X®
• Deliverables
– 64-PIN VQFP Chip-set (Including Firmware and Drivers) on a Per-unit License Fee
• Development
– Design-In Kit Containing
• 3 CardMan® Smart@Key Chips
• Ready-to-use sample PCB
• CD with Drivers and Documentation
CardMan®
Smart@Key
AT83R22OK
Summary
Preliminary
This is a summary Document. A complete document is
available on the Omnikey Web site. www.omnikey.com


Similar Part No. - AT83R22OK

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83R5122 ATMEL-AT83R5122 Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
AT83R5122XXX-ALRUM ATMEL-AT83R5122XXX-ALRUM Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
AT83R5122XXX-ALTUM ATMEL-AT83R5122XXX-ALTUM Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
AT83R5122XXX-PSRUM ATMEL-AT83R5122XXX-PSRUM Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
AT83R5122XXX-PSTUM ATMEL-AT83R5122XXX-PSTUM Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
More results

Similar Description - AT83R22OK

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
16-Key Encoder 20-Key Encoder
logo
ATMEL Corporation
AT83C25OK ATMEL-AT83C25OK Datasheet
27Kb / 4P
CardMan Smart@Bus
AT83C23OK ATMEL-AT83C23OK Datasheet
28Kb / 4P
CardMan Smart@Link
logo
Fairchild Semiconductor
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
16-Key Encoder ??20-Key Encoder
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
16-Key Encoder 20-Key Encoder
logo
Cherry Semiconductor Co...
G83-14501 CHERRY-G83-14501 Datasheet
80Kb / 2P
Keyboard with Integrated Fingerprint Sensor and Optional PC/SC Smart Card Reader: Key Benefits
logo
Copal Electronics
MRK COPAL-MRK Datasheet
1Mb / 8P
Key Switches
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
6-Key Capacitive Touch Key Controller
logo
PHOENIX CONTACT
2891521 PHOENIX-2891521 Datasheet
46Kb / 2P
Key - FL PATCH GUARD KEY
logo
MOSDESIGN SEMICONDUCTOR...
MC88A MOSDESIGN-MC88A Datasheet
23Kb / 1P
8 TUNES 8 KEY WITH SCAN KEY
2005-01-25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com