Electronic Components Datasheet Search
  English  ▼

X  

SY10E256JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10E256JC
Description  3-BIT 4:1 MUX-LATCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E256JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10E256JC Datasheet HTML 1Page - Micrel Semiconductor SY10E256JC Datasheet HTML 2Page - Micrel Semiconductor SY10E256JC Datasheet HTML 3Page - Micrel Semiconductor SY10E256JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10E256
SY100E256
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
s 950ps max. data to output
s Extended 100E VEE range of –4.2V to –5.5V
s 850ps max. latch enable to output
s Separate select controls
s Differential outputs
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
Ω input pulldown resistors
s Fully compatible with Motorola MC10E/100E256
s Available in 28-pin PLCC package
FEATURES
3-BIT 4:1
MUX-LATCH
The SY10/100E256 offer three 4:1 multiplexers followed
by latches with differential outputs designed for use in new,
high-performance ECL systems. Separate Select controls
are provided for the leading 2:1 mux pairs (see block
diagram).
When the Latch Enable (LEN) is at a logic LOW, the latch
is transparent and output data is controlled by the multiplexer
select controls. A logic HIGH on LEN latches the outputs.
The Master Reset (MR) overrides all other controls to set
the Q outputs LOW.
DESCRIPTION
SY10E256
SY100E256
BLOCK DIAGRAM
Pin
Function
D0x–D2x
Parallel Data Inputs
SEL1A, SEL1B
First-stage Select Inputs
SEL2
Second-stage Select Input
LEN
Latch Enable
MR
Master Reset
Q0, Q0–Q2, Q2
Data Outputs
VCCO
VCC to Output
PIN NAMES
D
R
E
N
Q0
Q0
Q1
Q1
Q2
Q2
D
R
E
N
D
R
E
N
D0a
SEL1B
D0b
D0c
D0d
D1a
D1b
D1c
D1d
D2a
D2b
D2c
D2d
SEL1A
SEL2
LEN
MR
Rev.: G
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY10E256JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E256JC MICREL-SY10E256JC Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
SY10E256JCTR MICREL-SY10E256JCTR Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
More results

Similar Description - SY10E256JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
5-BIT 2:1 MUX-LATCH
1996 REV 2
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
6-BIT 2:1 MUX-LATCH
1996 REV 3
MC10E156 ONSEMI-MC10E156 Datasheet
106Kb / 4P
3-BIT 4:1 MUX-LATCH
1996 REV 3
MC10E256 ONSEMI-MC10E256 Datasheet
110Kb / 5P
3-BIT 4:1 MUX-LATCH
1996 REV 2
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
5-BIT 2:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
3-BIT 4:1 MUX-LATCH
logo
ON Semiconductor
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
5-BIT 2:1 MUX-LATCH
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
6-BIT 2:1 MUX-LATCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com