Electronic Components Datasheet Search
  English  ▼

X  

SY10E337 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10E337
Description  3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E337 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10E337 Datasheet HTML 1Page - Micrel Semiconductor SY10E337 Datasheet HTML 2Page - Micrel Semiconductor SY10E337 Datasheet HTML 3Page - Micrel Semiconductor SY10E337 Datasheet HTML 4Page - Micrel Semiconductor SY10E337 Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY10E337
SY100E337
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ. Max.
Min.
Typ.
Max.
Unit
Condition
VCUT
Cut-off Output Voltage
–2.10
—–2.03 –2.10
—–2.03 –2.10
—–2.03
V
1
IIH
Input HIGH Current
——
150
——
150
——
150
µA
—
All Other Inputs
IEE
Power Supply Current
mA
—
10E
—
145
174
—
145
174
—
145
174
100E
—
145
174
—
125
174
—
167
200
Note:
1. Applies to BUS outputs only. Measured with VTT = –2.10V.
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ. Max.
Min.
Typ.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ps
—
CLK to Q
450
—
1000
450
—
1000
450
—
1000
CLK to BUS
800
—
1800
800
—
1800
800
—
1800
ABUSDIS
500
—
1500
500
—
1500
500
—
1500
SYNCEN
800
—
1800
800
—
1800
800
—
1800
tS
Set-up Time
ps
—
BUS
350
——
350
——
350
——
SBUSEN
100
——
100
——
100
——
Data, S-IN
400
——
400
——
400
——
TEN, REN, SCAN
550
——
550
——
550
——
tH
Hold Time
ps
—
BUS
350
——
350
——
350
——
SBUSEN
500
——
500
——
500
——
Data, S-IN
350
——
350
——
350
——
TEN, REN, SCAN
200
——
200
——
200
——
tPW
Minimum Pulse Width
400
——
400
——
400
——
ps
—
tr
Rise/Fall Time
ps
—
tf
20% to 80% (Qn)
300
—
800
300
—
800
300
—
800
20% to 80% (BUSn Rise)
500
—
1000
500
—
1000
500
—
1000
20% to 80% (BUSn Fall)
300
—
800
300
—
800
300
—
800



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com