Electronic Components Datasheet Search
  English  ▼

X  

AD9979 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9979
Description  14-Bit, CCD Signal Processor with Precision Timing Core
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9979 Datasheet(HTML) 1 Page - Analog Devices

  AD9979 Datasheet HTML 1Page - Analog Devices AD9979 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-Bit, CCD Signal Processor with
Precision Timing™ Core
AD9979
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V analog and digital core supply voltage
Correlated double sampler (CDS) with –3 dB, 0 dB, +3 dB, and
+6 dB gain
6 dB to 42 dB 10-bit variable gain amplifier (VGA)
14-bit 65 MHz analog-to-digital converter
Black-level clamp with variable level control
Complete on-chip timing generator
Precision Timing core with 240 ps resolution @ 65 MHz
On-chip 3 V horizontal and RG drivers
General-purpose outputs (GPOs) for shutter and system
support
7 mm × 7 mm, 48-lead LFCSP package
Internal LDO regulator circuitry
APPLICATIONS
Professional HDTV camcorders
Professional/high end digital cameras
Broadcast cameras
Industrial high speed cameras
GENERAL DESCRIPTION
The AD9979 is a highly integrated CCD signal processor for
high speed digital video camera applications. Specified at pixel
rates of up to 65 MHz, the AD9979 consists of a complete
analog front end with analog-to-digital conversion, combined
with a programmable timing driver. The Precision Timing core
allows adjustment of high speed clocks with approximately
240 ps resolution at 65 MHz operation.
The analog front end includes black-level clamping, CDS, VGA,
and a 65 MSPS, 14-bit analog-to-digital converter. The timing
driver provides the high speed CCD clock drivers for RG, HL,
and H1 to H4. Operation is programmed using a 3-wire serial
interface.
Available in a space-saving, 7 mm × 7 mm, 48-lead LFCSP
package, the AD9979 is specified over an operating temperature
range of −25°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
AD9979
SYNC
GENERATOR
PRECISION
TIMING
CORE
INTERNAL CLOCKS
HORIZONTAL
DRIVERS
HL
RG
H1 TO H4
4
HD
VD
INTERNAL
REGISTERS
SL
SCK
SDATA
CLI
CLAMP
D0 TO D13
DOUT
CCDINP
6dB TO 42dB
VGA
ADC
CDS
14
REFT
REFB
VREF
–3dB, 0dB, +3dB, +6dB
LDOOUT
LDO
CCDINM
Figure 1.


Similar Part No. - AD9979

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results

Similar Description - AD9979

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
AD9973 AD-AD9973 Datasheet
68Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9978 AD-AD9978 Datasheet
71Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com