Electronic Components Datasheet Search
  English  ▼

X  

BYX133GPL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYX133GPL
Description  High-voltage car ignition diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX133GPL Datasheet(HTML) 2 Page - NXP Semiconductors

  BYX133GPL Datasheet HTML 1Page - NXP Semiconductors BYX133GPL Datasheet HTML 2Page - NXP Semiconductors BYX133GPL Datasheet HTML 3Page - NXP Semiconductors BYX133GPL Datasheet HTML 4Page - NXP Semiconductors BYX133GPL Datasheet HTML 5Page - NXP Semiconductors BYX133GPL Datasheet HTML 6Page - NXP Semiconductors BYX133GPL Datasheet HTML 7Page - NXP Semiconductors BYX133GPL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Oct 02
2
Philips Semiconductors
Product specification
High-voltage car ignition diode
BYX133GPL
FEATURES
• Plastic package
• Glass passivated
• High maximum operating temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability.
APPLICATIONS
• Car ignition systems
• Automotive applications with extreme temperature
requirements.
DESCRIPTION
Plastic package, using glass passivation and a high
temperature alloyed construction.
This package is hermetically sealed and fatigue free as
coefficients of expansion of all used parts are matched.
The package is designed to be used in an insulating
medium such as resin, oil or SF6 gas.
k
a
MBL155
Fig.1 Simplified outline (SOD125A) and symbol.
Cathode indicated by a brown band.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
3kV
VRWM
crest working reverse voltage
−
3kV
IF(AV)
average forward current
−
50
mA
IFRM
repetitive peak forward current
−
500
mA
IRSM
non-repetitive peak reverse current
t = 100
µs triangular pulse;
Tj(max) prior to surge
−
50
mA
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
continuous
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF = 10 mA
3.75
5.25
V
V(BR)R
reverse avalanche breakdown voltage
IR = 100 µA
3.5
5.5
kV
IR
reverse current
VR =VRWMmax; Tj = 175 °C
−
30
µA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient Tamb =Tleads; lead length = 10 mm
90
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com