Electronic Components Datasheet Search
  English  ▼

X  

BYX134GP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYX134GP
Description  High-voltage car ignition diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX134GP Datasheet(HTML) 2 Page - NXP Semiconductors

  BYX134GP Datasheet HTML 1Page - NXP Semiconductors BYX134GP Datasheet HTML 2Page - NXP Semiconductors BYX134GP Datasheet HTML 3Page - NXP Semiconductors BYX134GP Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1998 Dec 04
2
Philips Semiconductors
Product specification
High-voltage car ignition diodes
BYX134GP
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability.
APPLICATIONS
• Car ignition systems
• Automotive applications with
extreme temperature
requirements.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
The SOD107A is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package is designed to be used
in an insulating medium such as
resin, oil or SF6 gas.
Fig.1 Simplified outline (SOD107A) and symbol.
handbook, halfpage


ka
MAM404
Cathode indicated by light blue band.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
4kV
VRWM
crest working reverse voltage
−
4kV
IF(AV)
average forward current
−
50
mA
IRSM
non-repetitive peak reverse current
t = 100
µs triangular pulse;
Tj max prior to surge
−
50
mA
Tstg
storage temperature
−65
175
°C
Tj
junction temperature
continuous
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
IF =10mA
5
7
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 100 µA
5.5
7.5
kV
IR
reverse current
VR =VRWMmax; Tj = 175 °C
−
30
µA
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
Tamb =Tleads; lead length = 10 mm
100
K/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com