Electronic Components Datasheet Search
  English  ▼

X  

BYX90G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYX90G
Description  High-voltage soft-recovery controlled avalanche rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYX90G Datasheet(HTML) 2 Page - NXP Semiconductors

  BYX90G Datasheet HTML 1Page - NXP Semiconductors BYX90G Datasheet HTML 2Page - NXP Semiconductors BYX90G Datasheet HTML 3Page - NXP Semiconductors BYX90G Datasheet HTML 4Page - NXP Semiconductors BYX90G Datasheet HTML 5Page - NXP Semiconductors BYX90G Datasheet HTML 6Page - NXP Semiconductors BYX90G Datasheet HTML 7Page - NXP Semiconductors BYX90G Datasheet HTML 8Page - NXP Semiconductors BYX90G Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1996 Sep 26
2
Philips Semiconductors
Product specification
High-voltage soft-recovery
controlled avalanche rectifier
BYX90G
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Soft-recovery switching
characteristics
• Guaranteed avalanche energy
absorption capability.
APPLICATIONS
• High-voltage rectification at high
frequencies
• Sub-component for very high
voltage rectifiers, for example, in
X-ray and radar equipment.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
The package is designed to be used
in an insulating medium such as
resin, oil or SF6 gas.
Fig.1 Simplified outline (SOD83A) and symbol.
The cathode is marked by a black band on the body.
handbook, halfpage
MSA480
a
k

LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
−
7.5
kV
VRWM
crest working reverse voltage
−
6kV
IF(AV)
average forward current
averaged over any 20 ms period;
Toil =45 °C; see Fig.2;
see also Fig.3
−
550
mA
IFRM
repetitive peak forward current
−
5A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave; Tj =Tj max
prior to surge; VR =VRWMmax;
see Fig.4
−
20
A
PRSM
non-repetitive peak reverse power
dissipation
t=10
µs; triangular pulse;
Tj =Tj max prior to surge
−
5kW
Tstg
storage temperature
−65
+165
°C
Tj
junction temperature
−65
+165
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com