Electronic Components Datasheet Search
  English  ▼

X  

3281 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3281
Description  CHOPPER-STABILIZED, PRECISION HALL-EF FECT LATCHES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3281 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3281 Datasheet HTML 1Page - Allegro MicroSystems 3281 Datasheet HTML 2Page - Allegro MicroSystems 3281 Datasheet HTML 3Page - Allegro MicroSystems 3281 Datasheet HTML 4Page - Allegro MicroSystems 3281 Datasheet HTML 5Page - Allegro MicroSystems 3281 Datasheet HTML 6Page - Allegro MicroSystems 3281 Datasheet HTML 7Page - Allegro MicroSystems 3281 Datasheet HTML 8Page - Allegro MicroSystems 3281 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
2
Product Selection Guide
Part Number
Pb-free1
Packing2
Mounting
Ambient, TA
(°C)
BRP(MIN)
(TA = 25°C)
(G)
BOP(MAX)
(TA = 25°C)
(G)
A3280ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
SOT23W Surface Mount
–40 to 85
–40
40
A3280ELT-T
Yes
Bulk, 500 pieces/bag
SOT89 Surface Mount
A3280ELTTR-T
Yes
7-in. reel, 1000 pieces/reel
A3280EUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A3280LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
SOT23W Surface Mount
–40 to 150
A3280LLT-T
Yes
Bulk, 500 pieces/bag
SOT89 Surface Mount
A3280LLTTR-T
Yes
7-in. reel, 1000 pieces/reel
A3280LUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A3281ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
SOT23W Surface Mount
–40 to 85
–90
90
A3281ELT-T
Yes
Bulk, 500 pieces/bag
SOT89 Surface Mount
A3281ELTTR-T
Yes
7-in. reel, 1000 pieces/reel
A3281EUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A3281LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
SOT23W Surface Mount
–40 to 150
A3281LLT-T
Yes
Bulk, 500 pieces/bag
SOT89 Surface Mount
A3281LLTTR-T
Yes
7-in. reel, 1000 pieces/reel
A3281LUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A3283ELHLT-T
Yes
7-in. reel, 3000 pieces/reel
SOT23W Surface Mount
–40 to 85
–180
180
A3283ELT-T
Yes
Bulk, 500 pieces/bag
SOT89 Surface Mount
A3283ELTTR-T
Yes
7-in. reel, 1000 pieces/reel
A3283EUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
A3283LLHLT-T
Yes
7-in. reel, 3000 pieces/reel
SOT23W Surface Mount
–40 to 150
A3283LLT-T
Yes
Bulk, 500 pieces/bag
SOT89 Surface Mount
A3283LLTTR-T
Yes
7-in. reel, 1000 pieces/reel
A3283LUA-T
Yes
Bulk, 500 pieces/bag
4-pin SIP through hole
1
Pb-based variants are being phased out of the product line.
a. Certain variants cited in this footnote are in production but have been determined to be LAST TIME BUY. This classification indicates that sale of this device
is currently restricted to existing customer applications. The device should not be purchased for new design applications because obsolescence in the near
future is probable. Samples are no longer available. Status change: October 31, 2006. Deadline for receipt of LAST TIME BUY ORDERS: April 27, 2007.
These variants include: A3281ELTTR, A3283ELT, A3283ELTTR, and A3283EUA.
b. Certain variants cited in this footnote are in production but have been determined to be NOT FOR NEW DESIGN. This classification indicates that sale of
this device is currently restricted to existing customer applications. The variants should not be purchased for new design applications because obsolescence
in the near future is probable. Samples are no longer available. Status change: May 1, 2006. These variants include: A3280ELHLT, A3280ELT, A3280ELTTR,
A3280EUA, A3280LLHLT, A3280LLT, A3280LLTTR, A3280LUA, A3281ELHLT, A3281ELT, A3281EUA, A3281LLHLT, A3281LLT, A3281LLTTR, A3281LUA,
A3283ELHLT, A3283LLHLT, A3283LLT, A3283LLTTR, and A3283LUA
2
Contact Allegro for additional packing options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com