Electronic Components Datasheet Search
  English  ▼

X  

A3946KLP Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3946KLP
Description  Half-Bridge Power MOSFET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3946KLP Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3946KLP Datasheet HTML 1Page - Allegro MicroSystems A3946KLP Datasheet HTML 2Page - Allegro MicroSystems A3946KLP Datasheet HTML 3Page - Allegro MicroSystems A3946KLP Datasheet HTML 4Page - Allegro MicroSystems A3946KLP Datasheet HTML 5Page - Allegro MicroSystems A3946KLP Datasheet HTML 6Page - Allegro MicroSystems A3946KLP Datasheet HTML 7Page - Allegro MicroSystems A3946KLP Datasheet HTML 8Page - Allegro MicroSystems A3946KLP Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
Functional Block Diagram
Control Logic Table
IN1
IN2
DT Pin
RESET
GH
GL
Function
X
X
X
0
Z
Z
Sleep mode
00
R
DEAD - LGND
1
L
H
Low-side FET ON following dead time
01
R
DEAD - LGND
1
L
L
All OFF
10
R
DEAD - LGND
1
L
L
All OFF
11
R
DEAD - LGND
1
H
L
High-side FET ON following dead time
0
0
VREF
1
L
L
All OFF
0
1
VREF
1
L
H
Low-side FET ON
1
0
VREF
1
H
L
High-side FET ON
1
1
VREF
1
H
H
CAUTION: High-side and low-side FETs ON
VBB
VREG
C
BOOT
+VBAT
+5 Vref
Charge
Pump
BOOT
GH
S
GL
LGND
VREG
CP1
CP2
Charge
Pump
RESET
Protection
VREG Undervoltage
Overtemperature
UVLOBOOT
IN2
~FAULT
DT
Control
Logic
Turn-On
Delay
IN1
R
DEAD
VREF
VREF
Bootstrap
UVLO
10
k
Ω
C
REG
C1
0.47 uF, X7R
V rated to VBAT
R
GATE
R
GATE
I
LIM
PGND
High Side
Driver
Low Side
Driver
C2
0.47 uF, X7R
V rated to VBAT
0.1 uF
X7R
10 V
P
L
P
L
L
L
L
L
L
P
P
L
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com