Electronic Components Datasheet Search
  English  ▼

X  

NPFC Datasheet(PDF) 1 Page - NARADA POWER SOURCE CO.,LTD.

Part # NPFC
Description  stored energy solutions for a demanding world
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NARADA [NARADA POWER SOURCE CO.,LTD.]
Direct Link  https://en.naradapower.com/
Logo NARADA - NARADA POWER SOURCE CO.,LTD.

NPFC Datasheet(HTML) 1 Page - NARADA POWER SOURCE CO.,LTD.

  NPFC Datasheet HTML 1Page - NARADA POWER SOURCE CO.,LTD. NPFC Datasheet HTML 2Page - NARADA POWER SOURCE CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Model: 48NPFC100 (19")
Dimensions-mm
Specifications
stored energy solutions for a demanding world
NPFC Series
Battery Management System(BMS)
Layout of Front Pannel
Operation Environments
Narada NPFC series is a complete range of 48V LiFePO (Lithium Iron
4
phosphate) battery products, for a wide variety of applications, such as
telecom base station, UPS, renewable energy system, etc., with
advanced life, standard size, light weight and strong environmental
adaptability.
For standard Narada lithium battery module, BMS is applied to monitor
voltage, current, temperature of cells and module, take protections against
over-charge,over-discharge,over-current,over-temperature,under-
temperature and short circuit, etc., and provide cell balancing and current
limitation during charging process to ensure a reliable safety and excellent
performance.
Meantime, Narada supply customized upper computer software for BMS
communication via RS485 to set parameters or read monitoring data.
Battery Specification
Rated Voltage
Rated Capacity
Discharge Current (Max.)
Discharge End Voltage
Charge Current (Recomm.)
Charge Current (Max.)
Charge Voltage
Dimensions
Typical Weight
51.2V/48V
o
100Ah (0.5C to 43.2V @ 25 C)
100A
43.2V/40.5V
20A
100A
57
.6±0.5V/54.6±0.5V
443 mm
400 mm
133 mm
44kg/42 Kg
Width
Depth
Height
Copyright Narada Power Source Co.,Ltd.
www.naradapower.com
Status Indicators
Communication Ports
Communication in Parallel
Reset Key
Terminal Size
LCD Screen
Breaker
Dry Contact
SOC / ALM / RUN
RS232 / RS485*2
8 modules in maximum
Available
M8 (Screw size)
Optional
Optional
Optional
Temperature Range
Temperature Recommendation
Humidity
o
Discharge
-20 to + 60 C
o
Charge
0 to + 60 C
o
Storage
0 to + 40 C
o
Discharge
+15 to + 35 C
o
Charge
+15 to + 35 C
o
Storage
+15 to + 30 C
5% to 95%
443


Similar Part No. - NPFC

ManufacturerPart #DatasheetDescription
logo
Bertech.
NPF BERTECH-NPF Datasheet
155Kb / 1P
Cleanroom Compatible Nitrile Gloves
logo
Mean Well Enterprises C...
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-12 MEANWELL-NPF-120-12 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-15 MEANWELL-NPF-120-15 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-20 MEANWELL-NPF-120-20 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
More results

Similar Description - NPFC

ManufacturerPart #DatasheetDescription
logo
saftbatteries
LS14250MLB SAFT-LS14250MLB Datasheet
841Kb / 2P
3.6 V high energy primary Li-SOCl2 battery for utility meters in demanding environments
logo
Axiomtek Co., Ltd.
FSC_SERIES AXIOMTEK-FSC_SERIES Datasheet
88Kb / 1P
Suitable for high demanding applications
logo
List of Unclassifed Man...
AMS001 ETC2-AMS001 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
logo
Silicon Laboratories
AMS001-E03 SILABS-AMS001-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
AMS002-E03 SILABS-AMS002-E03 Datasheet
1Mb / 29P
Embedded Bluetooth Low Energy Solutions
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
World most energy efficient temperature sensor
logo
NHP Electrical Engineer...
1756-ESMNSE NHP-1756-ESMNSE Datasheet
482Kb / 1P
CONTROLLOGIX ENERGY STORAGE MODULE NO STORED ENERGY
8 June 2023,
5069-L310ER-NSE NHP-5069-L310ER-NSE Datasheet
749Kb / 2P
COMPACTLOGIX 5380 PROCESSOR 1MB NO STORED ENERGY
8 June 2023,
logo
SUNNY Computer Technolo...
YSDH240 SUNNY-YSDH240 Datasheet
277Kb / 6P
The series offer diverse solutions for demanding automation around the world
YSDH480 SUNNY-YSDH480 Datasheet
297Kb / 7P
The series offer diverse solutions for demanding automation around the world.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com