Electronic Components Datasheet Search
  English  ▼

X  

A3946KLP-T Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A3946KLP-T
Description  Half-Bridge Power MOSFET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3946KLP-T Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A3946KLP-T Datasheet HTML 5Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 6Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 7Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 8Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 9Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 10Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 11Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 12Page - Allegro MicroSystems A3946KLP-T Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
VREG
C
BOOT
+VBAT
+5 Vref
Charge
Pump
BOOT
GH
S
GL
LGND
VREG
CP1
CP2
Charge
Pump
RESET
Protection
VREG Undervoltage
Overtemperature
UVLOBOOT
IN2
~FAULT
DT
Control
Logic
Turn-On
Delay
IN1
VREF
Bootstrap
UVLO
10
k
Ω
C
REG
C1
0.47 μF
R
GATE
I
LIM
High Side
Driver
Low Side
Driver
C2
10 μF
0.1 uF
VREF
10 μF
IRF2807
IRF2807
0.47 μF
33
Ω
External
+5 V
Slow
Decay
Forward
VREF
Forward
Slow
Decay
DC Motor #1
DC Motor #2
200
k
Ω
M
DC Motor #2
M
DC Motor #1
PGND
P
L
P
L
P
L
L
L
L
P
P
200
k
Ω
R
GATE
33
Ω
P
L
Diagram B. Independent drivers. One high-side drive and one low-side drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com