Electronic Components Datasheet Search
  English  ▼

X  

JD118B Datasheet(PDF) 2 Page - Router-switch Ltd.

Part # JD118B
Description  HPE X142 40G QSFP LC LR4 SM Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

JD118B Datasheet(HTML) 2 Page - Router-switch Ltd.

  JD118B Datasheet HTML 1Page - Router-switch Ltd. JD118B Datasheet HTML 2Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
200+
Countries we Sold
18,000+
Customers Trusted
$
20,000,000
Inventory Available
50%-98%
Off Global List Price
100%
Safe Online Shopping
Specification
JH232A Specifications
Product Name
HPE X142 40G QSFP+ LC LR4 SM Transceiver
Use LC Connectors (1)
Central Wavelength (nm)
Four lanes:
· 1217
· 1291
· 1311
· 1331
Fiber Mode
SMF
Fiber Diameter (µm)
9 / 125
Modal Bandwidth (MHz*km)
N/A
Transmission Distance
10 km (6.21 miles)
Use LC Connectors (2)
Optical Parameters (dBm)
Transmit power: –7 to +2.3 per lane
Receive power: –13.7 to +2.3 per lane
Want to Buy
Order Now
Get a Quote
Why Router-switch.com
As a leading network hardware supplier, Router-switch.com focuses on original new ICT equipment of Cisco, Huawei, HPE,
Dell, Hikvision, Juniper, Fortinet, etc.
Contact Us
● Tel: +1-626-655-0998 (USA) +852-3050-1066 / +852-3174-6166
● Fax: +852-3050-1066 (Hong Kong)
● Email: sales@router-switch.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com