Electronic Components Datasheet Search
  English  ▼

X  

JL680A Datasheet(PDF) 3 Page - Router-switch Ltd.

Part # JL680A
Description  JL681A is an Aruba Instant On 1930 8G Class4 PoE 2SFP 124W Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROUTER-SWITCH [Router-switch Ltd.]
Direct Link  https://www.router-switch.com/
Logo ROUTER-SWITCH - Router-switch Ltd.

JL680A Datasheet(HTML) 3 Page - Router-switch Ltd.

  JL680A Datasheet HTML 1Page - Router-switch Ltd. JL680A Datasheet HTML 2Page - Router-switch Ltd. JL680A Datasheet HTML 3Page - Router-switch Ltd. JL680A Datasheet HTML 4Page - Router-switch Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
200+
Countries we Sold
18,000+
Customers Trusted
$
20,000,000
Inventory Available
50%-98%
Off Global List Price
100%
Safe Online Shopping
Specification
JL681A Specification
I/O ports and slots
8 RJ-45 autosensing 10/100/1000 Class 4 PoE ports (IEEE 802.3 Type 10BASE-T, IEEE 802.3u Type 100BASE-TX, IEEE 802.3ab Type
1000BASE-T);
Duplex: 10BASE-T/100BASE-TX: half or full; 1000BASE-T: full only
2 SFP 1GbE ports
Dimension
10(w) x 10(d) x 1.73(h) in (25.4 x 25.4 x 4.39 cm) (1U height)
Processor and
memory
ARM Cortex-A9 @ 800 MHz, 512 MB SDRAM, 256 MB flash; packet buffer: 1.5 MB
Throughput (Mpps)
14.88 Mpps
Switching capacity
20 Gbps
Operating
temperature
32°F to 104°F (0°C to 40°C)
Operating relative
humidity
15% to 95% @ 104°F (40°C)
Nonoperating/Storage
temperature
-40°F to 158°F (-40°C to 70°C)
Nonoperating/Storage
relative humidity
15% to 95% @ 140°F (60°C)
Altitude
up to 10,000 ft (3 km)
Idle power
11.7 W
PoE
124 W Class 4 PoE
Power Supply
Internal power supply
Want to Buy
Order Now
Get a Quote
Why Router-switch.com
As a leading network hardware supplier, Router-switch.com focuses on original new ICT equipment of Cisco, Huawei, HPE,
Dell, Hikvision, Juniper, Fortinet, etc.
Contact Us
● Tel: +1-626-655-0998 (USA) +852-3050-1066 / +852-3174-6166



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com