Electronic Components Datasheet Search
  English  ▼

X  

9124AX Datasheet(PDF) 9 Page - Cisco Systems, Inc.

Part # 9124AX
Description  Cisco Catalyst 9124AX Series Access Points
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

9124AX Datasheet(HTML) 9 Page - Cisco Systems, Inc.

Back Button 9124AX Datasheet HTML 5Page - Cisco Systems, Inc. 9124AX Datasheet HTML 6Page - Cisco Systems, Inc. 9124AX Datasheet HTML 7Page - Cisco Systems, Inc. 9124AX Datasheet HTML 8Page - Cisco Systems, Inc. 9124AX Datasheet HTML 9Page - Cisco Systems, Inc. 9124AX Datasheet HTML 10Page - Cisco Systems, Inc. 9124AX Datasheet HTML 11Page - Cisco Systems, Inc. 9124AX Datasheet HTML 12Page - Cisco Systems, Inc. 9124AX Datasheet HTML 13Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
© 2023 Cisco and/or its affiliates. All rights reserved.
Page 9 of 23
Item
Specification
Input power
requirements
●
802.3af Power over Ethernet (PoE), 802.3at PoE+, 802.3bt PoE++, Cisco Universal PoE (Cisco UPOE)
●
Cisco power injector, AIR-PWRINJ-60RGD1= and AIR-PWRINJ-60RGD2=
●
Cisco power injector, AIR-PWRINJ6= (Note: This injector supports 802.3at)
●
DC power source: Auxiliary DC input, 24V to 56V
PoE
Radio 0 SS
Radio 1 SS
Radio 2 SS
(C9124AXE)
MGIG
SFP
1G
POE O/P
.3af
Disabled
Disabled
n/a
1G
N
N
N
.3at
2x2
2x2
n/a
1G
N
Y
N
.3bt/UPOE/
DC
4x4
4x4 or 2X2
2x2
2.5G
Y
Y
Y
Environmental
Catalyst 9124AXI, 9124AXD, 9124AXE
●
Nonoperating (storage) temperature: -40° to 185°F (-40° to 85°C)
●
Nonoperating altitude test: 17,000 ft (5182 m)
●
Operating temperature: -40° to 149°F (-40° to 65°C) with no solar loading, -40° to 131°F (-40° to 55°C)
with solar loading
●
Operating altitude test: 17,000 ft (5182 m)
●
Operating humidity: 0% to 100% (condensing)
●
IEC 60529 Ingress Rating: IP66/IP67
●
Wind resistance up to 100 mph (161 km/h) sustained winds and 165 mph (266 km/h) wind gusts
●
Icing protection: MIL-STD-810F,13mm 13mm (0.5 in.)
●
Corrosion: NEMA 250-2008 (600 hrs. salt, 1200 hrs. mixed gas)
●
Solar radiation: EN 60068-2-5 (1120 W/m2)
●
Vibration: MIL-STD-810E, Method 514.4 (0.41 Grms from 3Hz to 500Hz, 2 hours per each axis X,Y,Z)
Available Tx power
settings (max/min)
2.4 GHz
●
30 dBm (1W)
●
-4 dBm (0.4 mW)
5 GHz
●
30 dBm (1W)
●
-4 dBm(0.4 mW)
Regulatory domains Note: Customers are responsible for verifying approval for use in their individual countries. To
verify approval and to identify the regulatory domain that corresponds to a particular country,
visit https://www.cisco.com/go/aironet/compliance
For information about regulatory domain support, refer to the Cisco Regulatory Domain White
Paper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com