Electronic Components Datasheet Search
  English  ▼

X  

9130AX Datasheet(PDF) 6 Page - Cisco Systems, Inc.

Part # 9130AX
Description  Cisco Catalyst 9130AX Series Access Points
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

9130AX Datasheet(HTML) 6 Page - Cisco Systems, Inc.

Back Button 9130AX Datasheet HTML 2Page - Cisco Systems, Inc. 9130AX Datasheet HTML 3Page - Cisco Systems, Inc. 9130AX Datasheet HTML 4Page - Cisco Systems, Inc. 9130AX Datasheet HTML 5Page - Cisco Systems, Inc. 9130AX Datasheet HTML 6Page - Cisco Systems, Inc. 9130AX Datasheet HTML 7Page - Cisco Systems, Inc. 9130AX Datasheet HTML 8Page - Cisco Systems, Inc. 9130AX Datasheet HTML 9Page - Cisco Systems, Inc. 9130AX Datasheet HTML 10Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 6 of 17
Product specifications
Table 2.
Specifications
Item
Specification
Part numbers
Cisco Catalyst 9130AXI Access Point: Indoor environments, with internal antennas
●
C9130AXI-x: Cisco Catalyst 9130AX Series
●
C9130AXI-EWC-x: Cisco Catalyst 9130AX Series with Embedded Wireless Controller
Cisco Catalyst 9130AXE Access Point: Challenging indoor environments, with external antennas
●
C9130AXE-x: Cisco Catalyst 9130AX Series
●
C9130AXE-EWC-x: Cisco Catalyst 9130AX Series with Embedded Wireless Controller
Cisco Catalyst 9130AXE-STA Access Point: C9130 AP with C-ANT9104 Stadium antenna
●
C9130AXE-STA-x: Cisco Catalyst 9130AX Series
Regulatory domains: (x = regulatory domain)
Customers are responsible for verifying approval for use in their individual countries. To verify
approval and to identify the regulatory domain that corresponds to a particular country, visit
https://www.cisco.com/go/aironet/compliance.
Not all regulatory domains have been approved. As they are approved, the part numbers will be
available on the Global Price List and/or regional price lists.
Cisco Wireless LAN Services
●
AS-WLAN-CNSLT: Cisco Wireless LAN Network Planning and Design Service
●
AS-WLAN-CNSLT: Cisco Wireless LAN 802.11n Migration Service
●
AS-WLAN-CNSLT: Cisco Wireless LAN Perfomance and Security Assessment Service
Software
Catalyst 9130AXI
●
Cisco Unified Wireless Network Software Release 8.10.x or later
●
Cisco IOS XE Software Release 16.12.1 with AP Device Pack, or later
Catalyst 9130AXE
●
Cisco Unified Wireless Network Software Release 8.10 MR1 or later
●
Cisco IOS XE Software Release 17.1.1 or later
Cisco Catalyst 9130AXE Stadium Antenna Access Point, external antenna (C-ANT9104)
●
Cisco IOS XE Software Release 17.6.1 or later
Supported wireless
LAN controllers
●
Cisco Catalyst 9800 Series Wireless Controllers
●
Cisco 3504, 5520, and 8540 Wireless Controllers and Cisco Virtual Wireless Controller
Note: C9130AXE-STA-x is not supported on AireOS controllers
802.11n version 2.0
(and related)
capabilities
●
4x4 MIMO with four spatial streams
●
Maximal Ratio Combining (MRC)
●
802.11n and 802.11a/g
●
20- and 40-MHz channels
●
PHY data rates up to 1.5 Gbps (40 MHz with 5 GHz and 20 MHz with 2.4 GHz)
●
Packet aggregation: Aggregate MAC Protocol Data Unit (A-MPDU) (transmit and receive), Aggregate MAC
Service Data Unit (A-MSDU) (transmit and receive)
●
802.11 Dynamic Frequency Selection (DFS)
●
Cyclic Shift Diversity (CSD) support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com