Electronic Components Datasheet Search
  English  ▼

X  

C9124AXI Datasheet(PDF) 4 Page - Cisco Systems, Inc.

Part # C9124AXI
Description  Cisco Catalyst 9124AX Series Access Points
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

C9124AXI Datasheet(HTML) 4 Page - Cisco Systems, Inc.

  C9124AXI Datasheet HTML 1Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 2Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 3Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 4Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 5Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 6Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 7Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 8Page - Cisco Systems, Inc. C9124AXI Datasheet HTML 9Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
© 2023 Cisco and/or its affiliates. All rights reserved.
Page 4 of 23
Table 1.
Features and benefits
Feature
Benefits
Wi-Fi 6 (802.11ax)
The IEEE 802.11ax emerging standard, also known as High-Efficiency Wireless
(HEW) or Wi-Fi 6, builds on 802.11ac. It delivers a better experience in typical
environments with more predictable performance for advanced applications such as
4K or 8K video, high-density, high-definition collaboration apps, all-wireless offices,
and IoT. Wi-Fi 6 is designed to use both the 2.4-GHz and 5-GHz bands, unlike the
802.11ac standard.
Uplink/downlink OFDMA
Orthogonal Frequency-Division Multiple Access (OFDMA)-based scheduling splits
the bandwidth into smaller frequency allocations called Resource Units (RUs), which
can be assigned to individual clients in both the downlink and uplink directions to
reduce overhead and latency.
Uplink/downlink MU-MIMO
technology
Supporting four spatial streams, Multiuser Multiple-Input Multiple-Output (MU-MIMO)
enables access points to split spatial streams between client devices to maximize
throughput.
BSS coloring
Spatial reuse (also known as Basic Service Set [BSS] coloring) allows the access
points and their clients to differentiate between BSSs, thus permitting more
simultaneous transmissions.
Target Wake Time
A new power-saving mode called Target Wake Time (TWT) allows the client to stay
asleep and to wake up only at prescheduled (target) times to exchange data with the
access point. This offers significant energy savings for battery-operated devices, up
to 3 to 4 times the savings achieved by 802.11n and 802.11ac.
Cisco RF ASIC
Cisco RF ASIC is a fully integrated Software-Defined Radio (SDR) that can perform
advanced RF spectrum analysis and delivers features such as Cisco CleanAir,
Wireless Intrusion Prevention System (wIPS), FastLocate, and Dynamic Frequency
Selection (DFS).
Bluetooth 5
Integrated Bluetooth Low Energy (BLE) 5 radio enables location-based use cases
such as asset tracking, wayfinding, and analytics.
Multigigabit Ethernet support
Provides uplink speeds of 2.5G, 1G, and 100M. All speeds are supported on
Category 5e cabling for an industry first, as well as 10GBASE-T (IEEE 802.3bz)
cabling.
For more details about Wi-Fi 6, see Cisco’s technical white paper on Wi-Fi 6.
For more details about Catalyst 9124AX Series feature support, see Cisco's Feature Matrix on Wi-Fi 6.
For product ordering instructions, see The Wireless Ordering Guide with Cisco DNA Subscription Licenses
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com