Electronic Components Datasheet Search
  English  ▼

X  

CD1691CB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD1691CB
Description  Monolithic FM AM Radio-IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD1691CB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD1691CB Datasheet HTML 1Page - List of Unclassifed Manufacturers CD1691CB Datasheet HTML 2Page - List of Unclassifed Manufacturers CD1691CB Datasheet HTML 3Page - List of Unclassifed Manufacturers CD1691CB Datasheet HTML 4Page - List of Unclassifed Manufacturers CD1691CB Datasheet HTML 5Page - List of Unclassifed Manufacturers CD1691CB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
华晶双极电路
CD1191CB
第 4 页 共 5 页
5  特性曲线   
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
0
20
40
10
30
50
60
70
80
90
100 110
120
-70
-60
-50
-40
-30
-20
-10
0
1
2
3
4
5
6
7
FM  FE+IF+AF 输入输出特性
输入信号电平   dB
V
f=100kHz
fmod=1kHz 22.5Hz dev
0dB=50mV
RL=8
Vcc=6V
S+N
调谐电流
N
失真
0
20
40
10
30
50
60
70
80
90
100
110 120
-70
-60
-50
-40
-30
-20
-10
0
1
2
3
4
5
6
7
输入信号电平  
dB
V
AM  FE+IF+AF 输入输出特性
N
调谐电流
失真
S+N
f=1600kHz
fmod=1kHz 30%
0dB=50mV
RL=8
Vcc=6V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com