Electronic Components Datasheet Search
  English  ▼

X  

14D-SC Datasheet(PDF) 4 Page - UN Semiconducctor INC

Part # 14D-SC
Description  Radial Lead Varistor (MOV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

14D-SC Datasheet(HTML) 4 Page - UN Semiconducctor INC

  14D-SC Datasheet HTML 1Page - UN Semiconducctor INC 14D-SC Datasheet HTML 2Page - UN Semiconducctor INC 14D-SC Datasheet HTML 3Page - UN Semiconducctor INC 14D-SC Datasheet HTML 4Page - UN Semiconducctor INC 14D-SC Datasheet HTML 5Page - UN Semiconducctor INC 14D-SC Datasheet HTML 6Page - UN Semiconducctor INC 14D-SC Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Radial Lead Varistor (MOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
4/6
ROHS
Packaging Information
Part Marking
Package Dimensions Unit: mm
14D-SC Series
VDE
14DXXXX
Marking
Trademark
Part No.
Standard for Safety
SC
UN logo
14DXXXK
UL / VDE / CQC
6KV/3KA 40times
Dimension
Part No.
Bag
Small Carton
Carton
Unit:Pcs
14D
14D (Short leg)
14D
14D (Short leg)
180L to 681K
180L to 681K
751K to 182K
751K to 182K
500
500
500
500
3000
4000
2500
3000
6000
8000
5000
6000
TABLE1
Symbol
H(max.)
L(min.)
D(max.)
D1(±0.8)
T(max.)
d(±0.05)
21.0
20.0
16.5
7.5
TABLE2
0.8
Dimension
TABLE2
Model
820K
101K
121K
151K
181K
201K
221K
241K
271K
301K
331K
361K
391K
431K
471K
511K
561K
621K
681K
751K
781K
821K
4.1
4.3
4.4
4.2
4.3
4.4
4.5
4.6
4.7
4.8
5.0
5.2
5.2
5.4
5.9
6.1
6.4
6.8
7.1
7.2
7.3
7.5
T(max.)
Model
T(max.)
D
T
L
d
k≤3.0
D1
H
SC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com