Electronic Components Datasheet Search
  English  ▼

X  

32D Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 32D
Description  Radial Lead Varistor (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

32D Datasheet(HTML) 2 Page - UN Semiconducctor INC

  32D Datasheet HTML 1Page - UN Semiconducctor INC 32D Datasheet HTML 2Page - UN Semiconducctor INC 32D Datasheet HTML 3Page - UN Semiconducctor INC 32D Datasheet HTML 4Page - UN Semiconducctor INC 32D Datasheet HTML 5Page - UN Semiconducctor INC 32D Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Radial Lead Varistor (MOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
2/5
32D201K
32D221K
32D241K
32D271K
32D301K
32D331K
32D361K
32D391K
32D431K
32D471K
32D511K
32D561K
32D621K
32D681K
32D751K
32D781K
32D821K
32D911K
32D102K
32D112K
32D122K
32D142K
32D162K
32D182K
130
140
150
175
190
210
230
250
275
300
320
350
385
420
460
485
510
550
625
680
750
880
1000
1100
170
180
200
225
250
275
300
320
350
385
415
460
505
560
615
640
670
745
825
895
990
1140
1280
1465
200(185-225)
220(198-242)
240(216-264)
270(243-297)
300(270-330)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
560(504-616)
620(558-682)
680(612-748)
750(675-825)
780(702-858)
820(738-902)
910(819-1001)
1000(900-1100)
1100(990-1210)
1200(1080-1320)
1400(1260-1540)
1600(1400-1760)
1800(1620-1980)
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
275
297
319
330
363
396
418
440
473
506
561
594
627
660
682
726
770
825
858
891
1001
1056
1122
1188
250
270
290
300
330
360
380
400
430
460
510
540
570
600
620
660
700
750
780
810
910
960
1020
1080
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
25000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
30000
340
360
395
455
505
550
595
650
710
775
345
920
1025
1120
1240
1290
1355
1500
1650
1815
1980
2310
2475
2970
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
Part Number
32D201KJ
32D221KJ
32D241KJ
32D271KJ
32D301KJ
32D331KJ
32D361KJ
32D391KJ
32D431KJ
32D471KJ
32D511KJ
32D561KJ
32D621KJ
32D681KJ
32D751KJ
32D781KJ
32D821KJ
32D911KJ
32D102KJ
32D112KJ
32D122KJ
32D142KJ
32D162KJ
32D182KJ
Maximum
Allowable Voltage
Rated
Power
Varistor
Voltage
V1mA
(V)
Withstanding
Surge Current
8/20μS
Max
Clamping
Voltage
VDC
(V)
VAC
(V)
VC
(V)
IP
(A)
(W)
Standard
High
Surge
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High
Surge
Maximum
Energy
(10/1000μs)
1
time
1
time
32D Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com