Electronic Components Datasheet Search
  English  ▼

X  

40D Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 40D
Description  Radial Lead Varistor (MOV)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

40D Datasheet(HTML) 2 Page - UN Semiconducctor INC

  40D Datasheet HTML 1Page - UN Semiconducctor INC 40D Datasheet HTML 2Page - UN Semiconducctor INC 40D Datasheet HTML 3Page - UN Semiconducctor INC 40D Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Radial Lead Varistor (MOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
2/3
40D201K
40D221K
40D241K
40D271K
40D301K
40D331K
40D361K
40D391K
40D431K
40D471K
40D511K
40D561K
40D621K
40D681K
40D751K
40D781K
40D821K
40D911K
40D102K
40D112K
40D122K
40D142K
40D162K
40D182K
130
140
150
175
190
210
230
250
275
300
320
350
385
420
460
485
510
550
625
680
750
880
1000
1100
170
180
200
225
250
275
300
320
350
385
415
460
505
560
615
640
670
745
825
895
990
1140
1280
1465
200(185-225)
220(198-242)
240(216-264)
270(243-297)
300(270-330)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
560(504-616)
620(558-682)
680(612-748)
750(675-825)
780(702-858)
820(738-902)
910(819-1001)
1000(900-1100)
1100(990-1210)
1200(1080-1320)
1400(1260-1540)
1600(1400-1760)
1800(1620-1980)
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
2.1
407
440
473
517
561
605
627
649
726
792
847
891
946
990
1034
1078
1188
1265
1386
1518
1606
1705
1870
1980
370
400
430
470
510
550
570
590
660
720
770
810
860
900
940
980
1080
1150
1260
1380
1460
1550
1700
1800
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
40000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
50000
340
360
395
455
505
550
595
650
710
775
345
920
1025
1120
1240
1290
1355
1500
1650
1815
1980
2310
2475
2970
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
300
Part Number
40D201KJ
40D221KJ
40D241KJ
40D271KJ
40D301KJ
40D331KJ
40D361KJ
40D391KJ
40D431KJ
40D471KJ
40D511KJ
40D581KJ
40D621KJ
40D681KJ
40D751KJ
40D781KJ
40D821KJ
40D911KJ
40D102KJ
40D112KJ
40D122KJ
40D142KJ
40D162KJ
40D182KJ
Maximum
Allowable Voltage
Rated
Power
Varistor
Voltage
V1mA
(V)
Withstanding
Surge Current
8/20μS
Max
Clamping
Voltage
VDC
(V)
VAC
(V)
VC
(V)
IP
(A)
(W)
Standard
High
Surge
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High
Surge
Maximum
Energy
(10/1000μs)
1
time
1
time
40D Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com