Electronic Components Datasheet Search
  English  ▼

X  

20D301KJ Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 20D301KJ
Description  Radial Lead Varistor (MOV)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

20D301KJ Datasheet(HTML) 2 Page - UN Semiconducctor INC

  20D301KJ Datasheet HTML 1Page - UN Semiconducctor INC 20D301KJ Datasheet HTML 2Page - UN Semiconducctor INC 20D301KJ Datasheet HTML 3Page - UN Semiconducctor INC 20D301KJ Datasheet HTML 4Page - UN Semiconducctor INC 20D301KJ Datasheet HTML 5Page - UN Semiconducctor INC 20D301KJ Datasheet HTML 6Page - UN Semiconducctor INC 20D301KJ Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Radial Lead Varistor (MOV)
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
2/6
20D180L
20D220K
20D270K
20D330K
200390K
20D470K
20D560K
20D680K
20D820K
20D101K
20D121K
20D151K
20D181K
20D201K
20D221K
20D241K
20D271K
20D301K
20D331K
20D361K
20D391K
20D431K
20D471K
20D511K
20D561K
20D621K
20D681K
20D751K
20D781K
20D821K
20D911K
20D102K
20D112K
20D122K
20D142K
20D162K
20D182K
11
14
17
20
25
30
35
40
50
60
75
95
115
130
140
150
175
190
210
230
250
275
300
320
350
385
420
460
485
510
550
625
680
750
880
1000
1100
14
18
22
26
31
38
45
56
65
85
100
125
150
170
180
200
225
250
275
300
320
350
385
415
460
505
560
615
640
670
745
825
895
990
1140
1280
1465
18(15.3-20.7)
22(19.8-24.2)
27(24.3-29.7)
33(29.7-36.3)
39(35.1-42.9)
47(42.3-51.7)
56(50.4-61.6)
68(61.2-74.8)
82(73.8-90.2)
100(90-110)
120(108-132)
150(135-165)
180(162-198)
200(185-225)
220(198-242)
240(216-264)
270(243-297)
300(270-330)
330(297-363)
360(324-396)
390(351-429)
430(387-473)
470(423-517)
510(459-561)
560(504-616)
620(558-682)
680(612-748)
750(675-825)
780(702-858)
820(738-902)
910(819-1001)
1000(900-1100)
1100(990-1210)
1200(1080-1320)
1400(1260-1540)
1600(1400-1760)
1800(1620-1980)
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
13.0
16.0
19.0
24.0
28.0
34.0
46.0
49.0
56.0
70.0
85.0
106.0
130.0
140.0
155.0
168.0
190.0
210.0
228.0
255.0
275.0
305.0
350.0
360.0
380.0
390.0
400.0
420.0
440.0
460.0
510.0
565.0
620.0
660.0
784.0
896.0
990.0
6.1
7.4
9.1
11.2
13.2
16.8
19.6
23.8
37.8
45.0
55.0
77.0
85.0
95.0
100.0
108.0
127.0
136.0
150.0
163.0
180.0
190.0
220.0
225.0
230.0
235.0
140.0
255.0
265.0
282.0
310.0
342.0
383.0
408.0
532.0
606.0
625.0
2000
2000
2000
2000
2000
2000
2000
2000
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
6500
1000
1000
1000
1000
1000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
4000
3000
3000
3000
3000
3000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
10000
1000
1000
1000
1000
1000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
7000
36
43
53
65
77
93
110
135
135
165
200
250
300
340
360
395
455
505
550
595
650
710
775
845
920
1025
1120
1240
1290
1355
1500
1650
1815
1980
2310
2640
2970
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
Part Number
20D180LJ
20D220KJ
20D270KJ
20D330KJ
20D390KJ
20D470KJ
20D560KJ
20D680KJ
20D820KJ
20D101KJ
20D121KJ
20D151KJ
20D181KJ
20D201KJ
20D221KJ
20D241KJ
20D271KJ
20D301KJ
20D331KJ
20D361KJ
20D391KJ
20D431KJ
20D471KJ
20D511KJ
20D561KJ
20D621KJ
20D681KJ
20D751KJ
20D781KJ
20D821KJ
20D911KJ
20D102KJ
20D112KJ
20D122KJ
20D142KJ
20D162KJ
20D182KJ
Maximum
Allowable Voltage
Rated
Power
Varistor
Voltage
V1mA
(V)
Withstanding
Surge Current
8/20μS
Max
Clamping
Voltage
VDC
(V)
VAC
(V)
VC
(V)
IP
(A)
(W)
Standard
High
Surge
I(A)
Standard
I(A)
High Surge
(J)
Standard
(J)
High
Surge
Maximum
Energy
(10/1000μs)
1
time
2
times
1
time
2
times
20D Series



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com