Electronic Components Datasheet Search
  English  ▼

X  

H101CGC Datasheet(PDF) 2 Page - Bivar, Inc.

Part # H101CGC
Description  T-1 (3MM) 90° SINGLE-LEVEL LED ASSEMBLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

H101CGC Datasheet(HTML) 2 Page - Bivar, Inc.

  H101CGC Datasheet HTML 1Page - Bivar, Inc. H101CGC Datasheet HTML 2Page - Bivar, Inc. H101CGC Datasheet HTML 3Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TITLE:
PART NO:
CAGE CODE : 32559
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
D. Green
T. Yin
DESIGNED:
CHECKED:
03/05/04
03/05/04
DATE:
DATE:
SHEET #
OF
H
REVISION:
2
H101CXX
3
4 THOMAS, IRVINE, CA. 92618
TEL: (949) 951-8808
FAX: (949) 951-3974
±10% ALL VALUES
( UNLESS OTHERWISE SPECIFIED )
STANDARD TOLERANCE
ANGULAR
®
SEE SHEET #1
REV.
DESCRIPTION
APPROVED
DATE
T-1 (3MM) 90° SINGLE-LEVEL
LED ASSEMBLY
If
(m A)
Iv
(m cd)
TYP
TYP
MAX
TYP
STANDARD
Data @ 20m A
H101CBWD
430
BLUE
DIFFUSED
20
4.0
4.5
10
40
3BWD-S
H101CBWC
430
BLUE
WATER CLEAR
20
4.0
4.5
25
30
3BWC-S
H101CGD
568
GREEN
DIFFUSED
20
2.1
2.8
25
40
3GD-S
H101CGC
568
GREEN
WATER CLEAR
20
2.1
2.8
40
30
3GC-S
H101CYD
590
YELLOW
DIFFUSED
20
2.0
2.8
20
40
3YD-S
H101CYC
590
YELLOW
WATER CLEAR
20
2.0
2.8
40
30
3YC-S
H101CHD
625
HE RED
DIFFUSED
20
2.0
2.8
30
40
3HD-S
H101CHC
625
HE RED
WATER CLEAR
20
2.0
2.8
50
30
3HC-S
H101CRD
700
RED
DIFFUSED
20
2.1
2.8
2
40
3RD-S
H101CRC
700
RED
WATER CLEAR
20
2.1
2.8
3
30
3RC-S
LOW CURRENT
Data @ 2m A
H101CGDL
568
GREEN
DIFFUSED
2
2.1
2.6
2
40
3GDL-S
H101CYDL
590
YELLOW
DIFFUSED
2
2.0
2.6
2
40
3YDL-S
H101CHDL
625
HE RED
DIFFUSED
2
2.0
2.6
3
40
3HDL-S
H101CRDL
700
RED
DIFFUSED
2
2.1
2.6
1
40
3RDL-S
5 VOLT
Data @ 5V
H101CGD5V
568
GREEN
DIFFUSED
8
-
5.0
25
40
3GD5V-S
H101CYD5V
590
YELLOW
DIFFUSED
8
-
5.0
20
40
3YD5V-S
H101CHD5V
625
HE RED
DIFFUSED
8
-
5.0
30
40
3HD5V-S
LED Assy. No.
Lens
Appearance
LED P/N
Em itted Color
Peak Wave
Length
λp(nm )
View ing
Angle
2
½
(Deg)
Vf
(V)
Electro-Optical Data



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com